Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 892 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 892 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 888Page - Renesas Technology Corp SH7721 Datasheet HTML 889Page - Renesas Technology Corp SH7721 Datasheet HTML 890Page - Renesas Technology Corp SH7721 Datasheet HTML 891Page - Renesas Technology Corp SH7721 Datasheet HTML 892Page - Renesas Technology Corp SH7721 Datasheet HTML 893Page - Renesas Technology Corp SH7721 Datasheet HTML 894Page - Renesas Technology Corp SH7721 Datasheet HTML 895Page - Renesas Technology Corp SH7721 Datasheet HTML 896Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 892 / 1524 page
background image
Section 25
USB Function Controller (USBF)
Rev. 3.00 Jan. 18, 2008 Page 830 of 1458
REJ09B0033-0300
25.3.36
Control Register 0 (CTLR0)
CTLR0 sets functions of ASCE, PWMD, RSME, and RWUP.
Bit
Bit
name
Initial
value
R/W
Description
7 to 5
c
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
4
RWUPS
0
R
Remote Wakeup Status
Status bit to indicate that the remote wakeup from the
host is enabled/disabled. Indicates 0 when the remote
wakeup is disabled with Device Remote Wakeup by the
Set Feature/Clear Feature request and indicates 1 when
it is enabled.
3
RSME
0
R/W
Resume Enable
Bit to clear the suspend state (performs the remote
wakeup)
When this bit is written to 1, a resume register is set.
When this bit will be used, be sure to hold to 1 for one
clock or more at 12 MHz in minimum and then clear to 0
again.
2
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.
1
ASCE
0
R/W
Automatic Stall Clear Enable
When this bit is set to 1, the stall handshake is returned
to the host and the stall setting bit (EPSTLR/EPXSTL) of
the returned endpoint is automatically cleared. Control in
a unit of endpoint is disabled as this bit is common for all
endpoints. When this bit is set to 0, be sure to clear the
stall setting bit of each endpoint by using software.
This bit should be set to 1 before each stall bit in EPSTL
is set to 1.
0
0
R
Reserved
This bit is always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com