Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 893 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 893 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 889Page - Renesas Technology Corp SH7721 Datasheet HTML 890Page - Renesas Technology Corp SH7721 Datasheet HTML 891Page - Renesas Technology Corp SH7721 Datasheet HTML 892Page - Renesas Technology Corp SH7721 Datasheet HTML 893Page - Renesas Technology Corp SH7721 Datasheet HTML 894Page - Renesas Technology Corp SH7721 Datasheet HTML 895Page - Renesas Technology Corp SH7721 Datasheet HTML 896Page - Renesas Technology Corp SH7721 Datasheet HTML 897Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 893 / 1524 page
background image
Section 25
USB Function Controller (USBF)
Rev. 3.00 Jan. 18, 2008 Page 831 of 1458
REJ09B0033-0300
25.3.37
Control Register 1 (CTLR1)
CTLR1 makes settings of internal timer which is used in the isochronous transfer.
Bit
Bit
name
Initial
value
R/W
Description
7 to 2
All 0
R
Reserved
These bits are always read as 0. The write value
should always be 0.
1
TMR ACLR
1
R/W
Timer Auto Clear
Selects method to clear TMR (timer register).
0: Not cleared. When clearing TMR, write 0 to TMR by
CPU.
1: Automatically cleared every time when SOF is
received.
0
TMR EN
0
R/W
Timer Enable
TMR EN is TMR (timer register) enable bit.
0: Timer operation is disabled
1: Timer operation is enabled
25.3.38
Endpoint Information Register (EPIR)
EPIR is a register to set the configuration information for each endpoint. 5 bytes of the
information are required for one endpoint and the formats are listed in tables 25.3 and 25.4. Write
the data in order from endpoint 0. Do not write more than 5 (bytes)
× 10 (endpoints) = 50 bytes.
Write this information once at power-on reset. Do not write it again afterwards.
Write data of one endpoint is described below. EPIR writes data in the same address in order.
Therefore though there is only one EPIR register, write data for registration number N (N is from
0 to 9) is listed as EPIRN0 to EPIRN4 (EPIR [registration number] [write order]) for the purpose
of explaining. Write data in order from EPIR00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com