Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 910 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 910 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 906Page - Renesas Technology Corp SH7721 Datasheet HTML 907Page - Renesas Technology Corp SH7721 Datasheet HTML 908Page - Renesas Technology Corp SH7721 Datasheet HTML 909Page - Renesas Technology Corp SH7721 Datasheet HTML 910Page - Renesas Technology Corp SH7721 Datasheet HTML 911Page - Renesas Technology Corp SH7721 Datasheet HTML 912Page - Renesas Technology Corp SH7721 Datasheet HTML 913Page - Renesas Technology Corp SH7721 Datasheet HTML 914Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 910 / 1524 page
background image
Section 25
USB Function Controller (USBF)
Rev. 3.00 Jan. 18, 2008 Page 848 of 1458
REJ09B0033-0300
25.4.6
EP3 Interrupt-In Transfer
USB function
Application
IN token reception
Data transmission to host
Set EP3 transmission
complete flag
(IFR0/EP3 TS = 1)
Write data to EP3 data
register (EPDR3)
Write 1 to EP3 packet
enable bit
(TRG/EP3 PKTE = 1)
Clear EP3 transmission
complete flag
(IFR1/EP3 TS = 0)
Write data to EP3 data
register (EPDR3)
Write 1 to EP3 packet
enable bit
(TRG/EP3 PKTE = 1)
Valid data
in EP3 FIFO?
Is there data
for transmission
to host?
Is there data
for transmission
to host?
No
Yes
No
Yes
No
Yes
NAK
ACK
Note: This flowchart shows just one example of interrupt transfer processing. Other possibilities include an
operation flow in which, if there is data to be transferred, the EP3 DE bit in the USB data status register
is referenced to confirm that the FIFO is empty, and then data is written to the FIFO.
Interrupt request
Figure 25.13
EP3 Interrupt-In Transfer Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com