Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 914 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 914 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 910Page - Renesas Technology Corp SH7721 Datasheet HTML 911Page - Renesas Technology Corp SH7721 Datasheet HTML 912Page - Renesas Technology Corp SH7721 Datasheet HTML 913Page - Renesas Technology Corp SH7721 Datasheet HTML 914Page - Renesas Technology Corp SH7721 Datasheet HTML 915Page - Renesas Technology Corp SH7721 Datasheet HTML 916Page - Renesas Technology Corp SH7721 Datasheet HTML 917Page - Renesas Technology Corp SH7721 Datasheet HTML 918Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 914 / 1524 page
background image
Section 25
USB Function Controller (USBF)
Rev. 3.00 Jan. 18, 2008 Page 852 of 1458
REJ09B0033-0300
25.6
EP5 Isochronous-In Transfer
SOF reception
SOF reception
Set EP5 transmit flag
(IFR3/EP5 TR = 1)
FIFO buffer
switch over
Yes
Yes
Yes
Yes
No
No
In-token reception
FIFO A side
FIFO B side
Data transmission
to host
Set EP5 transmit
request flag
(IFR3/EP5 TR = 1)
Clear SOF packet detection
flag (IFR2/SOF = 0)
Write one packet
of data to EP5 data
register (EPDR5)
FIFO A side
Interrupt request (SOF)
Interrupt request (SOF)
USB function
Firmware
Valid data
in EP5 FIFO?
Data in FIFO B side
has been transmitted?
No
Data in FIFO A side
has been transmitted?
Yes
No
FIFO B side
0-byte data
transmission
Read time stamp register
H, L (TSRH, TSRL)
No
Time stamps
match?
Yes
No
To figure
25.17
To figure
25.17
Clear SOF packet detection
flag (IFR2/SOF = 0)
Read time stamp register
H, L (TSRH, TSRL)
Time stamps
match?
Set EP5 transmit flag
(IFR3/EP5 TR = 1)
FIFO buffer
switch over
In-token reception
Data transmission
to host
Set EP5 transmit
request flag
(IFR3/EP5 TR = 1)
Valid data
in EP5 FIFO?
0-byte data
transmission
Write one packet
of data to EP5 data
register (EPDR5)
B
B
Figure 25.16
EP5 Isochronous-In Transfer Operation (SOF is Normal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com