Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 972 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 972 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 968Page - Renesas Technology Corp SH7721 Datasheet HTML 969Page - Renesas Technology Corp SH7721 Datasheet HTML 970Page - Renesas Technology Corp SH7721 Datasheet HTML 971Page - Renesas Technology Corp SH7721 Datasheet HTML 972Page - Renesas Technology Corp SH7721 Datasheet HTML 973Page - Renesas Technology Corp SH7721 Datasheet HTML 974Page - Renesas Technology Corp SH7721 Datasheet HTML 975Page - Renesas Technology Corp SH7721 Datasheet HTML 976Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 972 / 1524 page
background image
Section 26
LCD Controller (LCDC)
Rev. 3.00 Jan. 18, 2008 Page 910 of 1458
REJ09B0033-0300
26.4.5
Setting the Display Resolution
The display resolution is set up in LDHCNR, LDHSYNR, LDVDLNR, LDVTLNR, and
LDVSYNR. The LCD current-alternating period for an STN or DSTN display is set by using the
LDACLNR. The initial values in these registers are typical settings for VGA (640
× 480 dots) on
an STN or DSTN display.
The clock to be used is set with the LDICKR. The LCD module frame rate is determined by the
display interval + retrace line interval (non-display interval) for one screen set in a size related
register and the frequency of the clock used.
This LCDC has a Vsync interrupt function so that it is possible to issue an interrupt at the
beginning of each vertical retrace line period (to be exact, at the beginning of the line after the last
line of the display). This function is set up by using the LDINTR.
26.4.6
Power Management Registers
An LCD module normally requires a specific sequence for processing to do with the cutoff of the
input power supply. Settings in LDPMMR, LDPSPR, and LDCNTR, in conjunction with the LCD
power-supply control pins (LCD_VCPWC, LCD_VEPWC, and LCD_DON), are used to provide
processing of power-supply control sequences that suits the requirements of the LCD module.
Figures 26.4 to 26.7 are summary timing charts for power-supply control sequences and table 26.5
is a summary of available power-supply control sequence periods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com