Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 974 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 974 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 970Page - Renesas Technology Corp SH7721 Datasheet HTML 971Page - Renesas Technology Corp SH7721 Datasheet HTML 972Page - Renesas Technology Corp SH7721 Datasheet HTML 973Page - Renesas Technology Corp SH7721 Datasheet HTML 974Page - Renesas Technology Corp SH7721 Datasheet HTML 975Page - Renesas Technology Corp SH7721 Datasheet HTML 976Page - Renesas Technology Corp SH7721 Datasheet HTML 977Page - Renesas Technology Corp SH7721 Datasheet HTML 978Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 974 / 1524 page
background image
Section 26
LCD Controller (LCDC)
Rev. 3.00 Jan. 18, 2008 Page 912 of 1458
REJ09B0033-0300
VCPE = ON
(3) Power-Supply Control for TFT Panels
VEPE = ON
DONE = OFF
00b
00b
11b
(b) 6 frame
(c)
0 frame
(d)
0 frame
(Internal signal)
Undefined
Start power supply
Start power cutoff
Arbitrary
Undefined
(in) DON register
(out) VCPWC pin
(out) Display data,
timing signal
(out) LPS register
(out) VEPWC pin
(out)
LCD_DON pin
Register control
sequence
LCD module active
LCD module
stopped
LCD module
stopped
(e) 1 frame
(f)
1 frame
(a)
1 frame
≠00b, 11b
≠00b, 11b
Figure 26.6
Power-Supply Control Sequence and States of the LCD Module
00b
00b
11b
(a) 0 frame
(b) 0 frame
(c) 0 frame
(d) 0 frame
(e) 0 frame
(f) 0 frame
VCPE = OFF
(4) Power Supply Control for LCD panels other than TFT
VEPE = OFF
DONE = OFF
(Internal signal)
(Internal signal)
(Internal signal)
Start power supply
Start power cutoff
Arbitrary
Undefined
Undefined
(in) DON register
(out) VCPWC pin
(out) Display data,
timing signal
(out) LPS register
(out) VEPWC pin
(out) LCD_DON pin
Register control
sequence
LCD module active
LCD module
stopped
LCD module stopped
Figure 26.7
Power-Supply Control Sequence and States of the LCD Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com