Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 978 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 978 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 974Page - Renesas Technology Corp SH7721 Datasheet HTML 975Page - Renesas Technology Corp SH7721 Datasheet HTML 976Page - Renesas Technology Corp SH7721 Datasheet HTML 977Page - Renesas Technology Corp SH7721 Datasheet HTML 978Page - Renesas Technology Corp SH7721 Datasheet HTML 979Page - Renesas Technology Corp SH7721 Datasheet HTML 980Page - Renesas Technology Corp SH7721 Datasheet HTML 981Page - Renesas Technology Corp SH7721 Datasheet HTML 982Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 978 / 1524 page
background image
Section 26
LCD Controller (LCDC)
Rev. 3.00 Jan. 18, 2008 Page 916 of 1458
REJ09B0033-0300
2. The register settings for the address of the image data must be changed (LDSARU and
LDLAOR).
3. LDLAOR should be power of 2 (when the horizontal width after rotation is 240 pixels,
LDLAOR should be set to 256).
4. Graphics software should be set up for the number 3 setting.
5. LDSARU should be changed to represent the address of the data for the lower-left pixel of the
image rather than of the data for the upper-left pixel of the image.
Picture image
LDSARU (start point)
LDSARU + LDLAOR
− 1
Scanning starts from LDSARU.
Scanning is done from small address
to large address of X coordination.
LDSARU + LDLAOR
× LDVDLNR − 1(end point)
Picture image
Picture image
LCD panel
Start point
End point
1) Normal mode
Figure 26.8
Operation for Hardware Rotation (Normal Mode)
For example, the registers have been set up for the display of image data in landscape format (320
× 240), which starts from LDSARU = 0x0c001000, on a 320 × 240 LCD panel. The graphics
driver software is complete. Some changes are required to apply hardware rotation and use the
panel as a 240
× 320 display. If LDLAOR is 512, the graphics driver software uses this power of 2
as the offset for the calculation of the addresses of Y coordinates in the image data. Before setting
ROT to 1, the image data must be redrawn to suit the 240
× 320 LCD panel. LDLAOR will then
be 256 because the size has changed and the graphics driver software must be altered accordingly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com