Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 977 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 977 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 973Page - Renesas Technology Corp SH7721 Datasheet HTML 974Page - Renesas Technology Corp SH7721 Datasheet HTML 975Page - Renesas Technology Corp SH7721 Datasheet HTML 976Page - Renesas Technology Corp SH7721 Datasheet HTML 977Page - Renesas Technology Corp SH7721 Datasheet HTML 978Page - Renesas Technology Corp SH7721 Datasheet HTML 979Page - Renesas Technology Corp SH7721 Datasheet HTML 980Page - Renesas Technology Corp SH7721 Datasheet HTML 981Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 977 / 1524 page
background image
Section 26
LCD Controller (LCDC)
Rev. 3.00 Jan. 18, 2008 Page 915 of 1458
REJ09B0033-0300
(TFT module)
State
Power Supply for
Logic
Display Data,
Timing Signal
Power Supply for
High-Voltage Systems
Control Pin
LCD_VCPWC
LCD_CL2, LCD_CL1,
LCD_FLM,
LCD_M_DISP,
LCD_DATA
LCD_VEPWC
Operating State
Supply
Supply
Supply
Supply
Supply
(Transitional State)
Supply
Stopped State
The table above shows the states of the power supply, display data, and timing signals for the
typical LCD module in its active and stopped states. Some of the supply voltages described may
not be necessary, because some modules internally generate the power supply required for high-
voltage systems from the logic-level power-supply voltage.
Notes on display-off mode (LCDC stopped):
If LCD module power-supply control-sequence processing is in use by the LCDC or the supply of
power is cut off while the LCDC is in its display-on mode, normal operation is not guaranteed. In
the worst case, the connected LCD module may be damaged.
26.4.7
Operation for Hardware Rotation
Operation in hardware-rotation mode is described below. Hardware-rotation mode can be thought
of as using a landscape-format LCD panel instead of a portrait-format LCD panel by placing the
landscape-format LCD panel as if it were a portrait-format panel. Whether the panel is intended
for use in landscape or portrait format is thus no problem. The panel must, however, be within 320
pixels wide.
When making settings for hardware rotation, the following five differences from the setting for no
hardware rotation must be noted. (The following example is for a display at 8 bpp. At 16 bpp, the
amount of memory per dot will be doubled. The image size and register values used for rotation
will thus be different.)
1. The image data must be prepared for display in the rotated panel. (If 240
× 320 pixels will be
required after rotation, 240
× 320 pixel image data must be prepared.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com