Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 979 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 979 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 975Page - Renesas Technology Corp SH7721 Datasheet HTML 976Page - Renesas Technology Corp SH7721 Datasheet HTML 977Page - Renesas Technology Corp SH7721 Datasheet HTML 978Page - Renesas Technology Corp SH7721 Datasheet HTML 979Page - Renesas Technology Corp SH7721 Datasheet HTML 980Page - Renesas Technology Corp SH7721 Datasheet HTML 981Page - Renesas Technology Corp SH7721 Datasheet HTML 982Page - Renesas Technology Corp SH7721 Datasheet HTML 983Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 979 / 1524 page
background image
Section 26
LCD Controller (LCDC)
Rev. 3.00 Jan. 18, 2008 Page 917 of 1458
REJ09B0033-0300
The point that corresponds to LDSARU moves from the upper left to the lower left of the display,
so LDSARU should be changed to 0x0c001000
+ 256 * 319.
Note:
Hardware rotation allows the use of an LCD panel that has been rotated by 90 degrees.
The settings in relation to the LCD panel should match the settings for the LCD panel
before rotation. Rotation is possible regardless of the drawing processing carried out by
the graphics driver software. However, the sizes in the image data and address offset
values which are managed by the graphics driver software must be altered.
Picture image
LDSARU (start point)
LDSARU
− LDLAOR × (HDCN × 8 − 2) − 1(end point)
Scanning starts from LDSARU.
Scanning is done from large address
to small address of Y coordination.
LCD panel
Start point
End point
2) Rotation mode
Figure 26.9
Operation for Hardware Rotation (Rotation Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com