Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 975 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 975 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 971Page - Renesas Technology Corp SH7721 Datasheet HTML 972Page - Renesas Technology Corp SH7721 Datasheet HTML 973Page - Renesas Technology Corp SH7721 Datasheet HTML 974Page - Renesas Technology Corp SH7721 Datasheet HTML 975Page - Renesas Technology Corp SH7721 Datasheet HTML 976Page - Renesas Technology Corp SH7721 Datasheet HTML 977Page - Renesas Technology Corp SH7721 Datasheet HTML 978Page - Renesas Technology Corp SH7721 Datasheet HTML 979Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 975 / 1524 page
background image
Section 26
LCD Controller (LCDC)
Rev. 3.00 Jan. 18, 2008 Page 913 of 1458
REJ09B0033-0300
Table 26.5
Available Power-Supply Control-Sequence Periods at Typical Frame Rates
Frame Rate
ONX, OFFX Register
Value
120 Hz
60 Hz
H'F
(
−1+1)/120 = 0.00 (ms)
(
−1+1)/60 = 0.00 (ms)
H'0
(0+1)/120 = 8.33 (ms)
(0+1)/60 = 16.67 (ms)
H'1
(1+1)/120 = 16.67 (ms)
(1+1)/60 = 33.33 (ms)
H'2
(2+1)/120 = 25.00 (ms)
(2+1)/60 = 50.00 (ms)
H'3
(3+1)/120 = 33.33 (ms)
(3+1)/60 = 66.67 (ms)
H'4
(4+1)/120 = 41.67 (ms)
(4+1)/60 = 83.33 (ms)
H'5
(5+1)/120 = 50.00 (ms)
(5+1)/60 = 100.00 (ms)
H'6
(6+1)/120 = 58.33 (ms)
(6+1)/60 = 116.67 (ms)
H'7
(7+1)/120 = 66.67 (ms)
(7+1)/60 = 133.33 (ms)
H'8
(8+1)/120 = 75.00 (ms)
(8+1)/60 = 150.00 (ms)
H'9
(9+1)/120 = 83.33 (ms)
(9+1)/60 = 166.67 (ms)
H'A
(10+1)/120 = 91.67 (ms)
(10+1)/60 = 183.33 (ms)
H'B
(11+1)/120 = 100.00 (ms)
(11+1)/60 = 200.00 (ms)
H'C
(12+1)/120 = 108.33 (ms)
(12+1)/60 = 216.67 (ms)
H'D
(13+1)/120 = 116.67 (ms)
(13+1)/60 = 233.33 (ms)
H'E
(14+1)/120 = 125.00 (ms)
(14+1)/60 = 250.00 (ms)
ONA, ONB, ONC, OFFD, OFFE, and OFFF are used to set the power-supply control-sequence
periods, in units of frames, from 0 to 15. 1 is subtracted from each register. H'0 to H'E settings
select from 1 to15 frames. The setting H'F selects 0 frames.
Actual sequence periods depend on the register values and the frame frequency of the display. The
following table gives power-supply control-sequence periods for display frame frequencies used
by typical LCD modules.
• When ONB is set to H'6 and display's frame frequency is 120 Hz
The display's frame frequency is 120 Hz. 1 frame period is thus 8.33 (ms) = 1/120 (sec).
The power-supply input sequence period is 7 frames because ONB setting is subtracted by 1.
As a result, the sequence period is 58.33 (ms) = 8.33 (ms)
× 7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com