Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1010 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1010 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1006Page - Renesas Technology Corp SH7721 Datasheet HTML 1007Page - Renesas Technology Corp SH7721 Datasheet HTML 1008Page - Renesas Technology Corp SH7721 Datasheet HTML 1009Page - Renesas Technology Corp SH7721 Datasheet HTML 1010Page - Renesas Technology Corp SH7721 Datasheet HTML 1011Page - Renesas Technology Corp SH7721 Datasheet HTML 1012Page - Renesas Technology Corp SH7721 Datasheet HTML 1013Page - Renesas Technology Corp SH7721 Datasheet HTML 1014Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1010 / 1524 page
background image
Section 27
A/D Converter
Rev. 3.00
Jan. 18, 2008
Page 948 of 1458
REJ09B0033-0300
27.7.2
Notes on A/D Conversion-End Interrupt and DMA Transfer
Generation of an interrupt or activation of the DMAC upon the end of A/D conversion is only
allowed once per end of A/D conversion.
The conditions for the end of A/D conversion are the same as the setting conditions of the ADF bit
of ADCSR.
According to the table below, A/D conversion value should be transferred by DMA transfer (in
cycle steal mode), with the corresponding conversion mode and number of channels for
conversion.
Conversion Mode
Number of Channels
for Conversion
Data Size
Transfer Size for DMAC
Single mode
1
1 word
Word
1
1 word
Word
2
2 words
Longword
3
3 words
16 bytes
Multi mode or
Scan mode
4
4 words
16 bytes
27.7.3
Allowable Signal-Source Impedance
For the analog input design of this LSI, conversion accuracy is guaranteed for an input signal with
signal-source impedance of 5 k
Ω or less. The specification is for charging input capacitance of the
sample and hold circuit of the A/D converter within sampling time. When the output impedance of
the sensor exceeds 5 k
Ω, conversion accuracy is not guaranteed due to insufficient charging. If
large external capacitance is set at conversion in single mode, signal-source impedance is ignored
since input load is only internal input resistance of 3 k
Ω. However, an analog signal with large
differential coefficient (5 mV/
µs or greater) cannot be followed up because of a low-pass filter
(figure 27.8). When converting high-speed analog signals or converting in scan mode, insert a
low-impedance buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com