Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1011 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1011 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1007Page - Renesas Technology Corp SH7721 Datasheet HTML 1008Page - Renesas Technology Corp SH7721 Datasheet HTML 1009Page - Renesas Technology Corp SH7721 Datasheet HTML 1010Page - Renesas Technology Corp SH7721 Datasheet HTML 1011Page - Renesas Technology Corp SH7721 Datasheet HTML 1012Page - Renesas Technology Corp SH7721 Datasheet HTML 1013Page - Renesas Technology Corp SH7721 Datasheet HTML 1014Page - Renesas Technology Corp SH7721 Datasheet HTML 1015Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1011 / 1524 page
background image
Section 27
A/D Converter
Rev. 3.00
Jan. 18, 2008
Page 949 of 1458
REJ09B0033-0300
27.7.4
Influence to Absolute Accuracy
By adding capacitance, absolute accuracy may be degraded if noise is on GND because there is
coupling with GND. Therefore, connect electrically stable GND such as AVss to prevent absolute
accuracy from being degraded.
A filter circuit must not interfere with digital signals, or must not be an antenna on a mounting
board.
20 pF
Cin =
15 pF
3 k
Ω
to 5 k
Ω
Output impedance of sensor
Sensor input
This LSI
Lowpass
filter
(C = 0.1
µF)
Equivalent circuit
of A/D converter
Figure 27.8
Analog Input Circuit Example
27.7.5
Setting Analog Input Voltage
Operating the chip in excess of the following voltage range may result in damage to chip
reliability.
During A/D conversion, the voltages (VANn) input to the analog input pins ANn should be in the
range AV
SS ≤ VANn ≤ AVCC (n = 0 to 3).
27.7.6
Notes on Board Design
In designing a board, separate digital circuits and analog circuits. Do not intersect or locate closely
signal lines of a digital circuit and an analog circuit. An analog circuit may malfunction due to
induction, thus affecting A/D conversion values. Separate analog input pins (AN0 to AN3) and the
analog power voltage (AVcc) from digital circuits with analog ground (AVss). Connect analog
ground (AVss) to one point of stable ground (Vss) on the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com