Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1009 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1009 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1005Page - Renesas Technology Corp SH7721 Datasheet HTML 1006Page - Renesas Technology Corp SH7721 Datasheet HTML 1007Page - Renesas Technology Corp SH7721 Datasheet HTML 1008Page - Renesas Technology Corp SH7721 Datasheet HTML 1009Page - Renesas Technology Corp SH7721 Datasheet HTML 1010Page - Renesas Technology Corp SH7721 Datasheet HTML 1011Page - Renesas Technology Corp SH7721 Datasheet HTML 1012Page - Renesas Technology Corp SH7721 Datasheet HTML 1013Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1009 / 1524 page
background image
Section 27
A/D Converter
Rev. 3.00
Jan. 18, 2008
Page 947 of 1458
REJ09B0033-0300
Condition: The problem arises in the following cases. Also see the table below:
(a) In Single/Multi Mode
The problem arises when A/D conversion is started while the setting of the
ADCSR.DMASL bit is 1, after having proceeded while the setting of the DMASL bit
was 0 and then stopped.
(b) In Scan Mode
The problem arises when A/D conversion is started while the setting of the
ADCSR.DMASL bit is 1, after having proceeded and stopped.
Table 27.4
Conditions for the Method of Transferring Results of A/D Conversion and
Inclusion of Superfluous DMA
In Single/Multi Mode
In Scan Mode
The Next Conversion
Current Conversion
DMASL = 0
DMASL = 1
DMASL = 0
DMASL = 1
DMASL = 0
Normal
Faulty
Normal
Faulty
Single Mode/
Multi Mode
DMASL = 1
Normal
Normal
Normal
Normal
DMASL = 0
Normal
Faulty
Normal
Faulty
Scan Mode
DMASL = 1
Normal
Faulty
Normal
Faulty
Avoiding the Problem: Follow either of procedures (a) or (b) below.
(a) After A/D conversion has stopped, initialize the ADC by placing it in the module standby
state. Start the next round of A/D conversion after releasing the ADC from the module
standby state.
(b) Operation under the following conditions ensures that the problem will not arise.
• In Single/Multi Mode
Transfer when DMASL = 0
→ Transfer when DMASL = 0
Transfer when DMASL = 1
→ Transfer when DMASL = 1
• In Scan Mode
Transfer when DMASL = 0
→ Transfer when DMASL = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com