Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1012 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1012 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1008Page - Renesas Technology Corp SH7721 Datasheet HTML 1009Page - Renesas Technology Corp SH7721 Datasheet HTML 1010Page - Renesas Technology Corp SH7721 Datasheet HTML 1011Page - Renesas Technology Corp SH7721 Datasheet HTML 1012Page - Renesas Technology Corp SH7721 Datasheet HTML 1013Page - Renesas Technology Corp SH7721 Datasheet HTML 1014Page - Renesas Technology Corp SH7721 Datasheet HTML 1015Page - Renesas Technology Corp SH7721 Datasheet HTML 1016Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1012 / 1524 page
background image
Section 27
A/D Converter
Rev. 3.00
Jan. 18, 2008
Page 950 of 1458
REJ09B0033-0300
27.7.7
Notes on Countermeasures to Noise
Connect a protective circuit between AVcc and AVss, as shown in figure 27.9, to prevent damage
of analog input pins (AN0 to AN3) due to abnormal voltage such as excessive serge. Connect a
bypass capacitor that is connected to AVcc and a capacitor for a filter that is connected to AN0 to
AN3 to AVss.
When a capacitor for a filter is connected, input currents of AN0 to AN3 are averaged, may
causing errors. If A/D conversion is frequently performed in scan mode, voltages of analog input
pins cause errors when a current that is charged/discharged for capacitance of a sample & hold
circuit in the A/D converter is higher than a current that is input through input impedance (Rin).
Therefore, determine a circuit constant carefully.
0.01
µF
10
µF
AVCC (A/D)
AN0 to AN3
AVSS (A/D)
This LSI
*1
100
Ω
0.1
µF
Notes: *1 Values are for reference.
R
in*
2
*2 R
in is input impedance.
Figure 27.9
Example of Analog Input Protection Circuit
Table 27.5
Analog Input Pin Ratings
Item
Min
Max
Unit
Analog input capacitance
20
pF
Allowable signal-source impedance
5
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com