Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1036 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1036 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1032Page - Renesas Technology Corp SH7721 Datasheet HTML 1033Page - Renesas Technology Corp SH7721 Datasheet HTML 1034Page - Renesas Technology Corp SH7721 Datasheet HTML 1035Page - Renesas Technology Corp SH7721 Datasheet HTML 1036Page - Renesas Technology Corp SH7721 Datasheet HTML 1037Page - Renesas Technology Corp SH7721 Datasheet HTML 1038Page - Renesas Technology Corp SH7721 Datasheet HTML 1039Page - Renesas Technology Corp SH7721 Datasheet HTML 1040Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1036 / 1524 page
background image
Section 29
PC Card Controller (PCC)
Rev. 3.00 Jan. 18, 2008 Page 974 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial Value R/W
Description
3
P0CDE
0
R/W
PCC0 Card Detect Change Enable
Bit 3 enables or disables the interrupt request when the
values of the
CD1 and CD2 are changed.
0: No interrupt occurs for the PC card connected to
area 6 regardless of the values of the
CD1 and CD2
1: An interrupt occurs for the PC card connected to
area 6 when the values of the
CD1 and CD2 are
changed
2
P0RE
0
R/W
PCC0 Ready Change Enable
When the PC card connected to area 6 is on the IC
memory card interface, bit 2 enables or disables the
interrupt request when the value of the RDY/
BSY is
changed. This bit has no meaning on the I/O card
interface.
0: No interrupt occurs for the PC card connected to
area 6 regardless of the value of the RDY/
BSY
1: An interrupt occurs for the PC card connected to
area 6 when the value of the RDY/
BSY is changed
from 0 to 1
1
P0BWE
0
R/W
PCC0 Battery Warning Enable
When the PC card connected to area 6 is on the IC
memory card interface, bit 1 enables or disables the
interrupt request when the BVD2 or BVD1 are in the
state in which "the battery must be changed although
the data is guaranteed". This bit has no meaning on the
I/O card interface.
0: No interrupt occurs when the BVD2 or BVD1 are in
the state in which "the battery must be changed
although the data is guaranteed"
1: An interrupt occurs when the BVD2 or BVD1 are in
the state in which "the battery must be changed
although the data is guaranteed"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com