Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1035 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1035 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1031Page - Renesas Technology Corp SH7721 Datasheet HTML 1032Page - Renesas Technology Corp SH7721 Datasheet HTML 1033Page - Renesas Technology Corp SH7721 Datasheet HTML 1034Page - Renesas Technology Corp SH7721 Datasheet HTML 1035Page - Renesas Technology Corp SH7721 Datasheet HTML 1036Page - Renesas Technology Corp SH7721 Datasheet HTML 1037Page - Renesas Technology Corp SH7721 Datasheet HTML 1038Page - Renesas Technology Corp SH7721 Datasheet HTML 1039Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1035 / 1524 page
background image
Section 29
PC Card Controller (PCC)
Rev. 3.00 Jan. 18, 2008 Page 973 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial Value R/W
Description
6
IREQE1
0
R/W
5
IREQE0
0
R/W
PCC0IREQ Request Enable
These bits enable or disable
IREQ interrupt requests
and select the interrupt mode when the PC card
connected to area 6 is the I/O card interface type. Note
that bit 5 (P0IREQ) in the area 6 card status change
register (PCC0CSCR) is cleared if the values in bits 6
and 5 in this register are changed. These bits have no
meaning on the IC memory card interface.
00: IREQ requests are not accepted for the PC card
connected to area 6. Bit 5 in the status change
register (PCC0CSCR) functions as a read-only bit
that indicates the inverse of the
IREQ signal.
01: The level-mode IREQ interrupt request signal is
accepted for the PC card connected to area 6. In
level mode, an interrupt occurs when level 0 of the
signal input from the
IREQ is detected.
10: The pulse-mode IREQ interrupt request signal is
accepted for the PC card connected to area 6. In
pulse mode, an interrupt occurs when a falling edge
from 1 to 0 of the signal input from the
IREQ is
detected.
11: The pulse-mode IREQ interrupt request signal is
accepted for the PC card connected to area 6. In
pulse mode, an interrupt occurs when a rising edge
from 0 to 1 of the signal input from the
IREQ is
detected.
4
P0SCE
0
R/W
PCC0 Status Change Enable
When the PC card connected to area 6 is on the I/O
card interface, bit 4 enables or disables the interrupt
request when the value of the BVD1
(STSCHG) is
changed. This bit has no meaning in the IC memory
card interface.
0: No interrupt occurs for the PC card connected to
area 6 regardless of the value of the BVD1
(STSCHG)
1: An interrupt occurs for the PC card connected to
area 6 when the value of the BVD1
(STSCHG) is
changed from 1 to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com