Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1034 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1034 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1030Page - Renesas Technology Corp SH7721 Datasheet HTML 1031Page - Renesas Technology Corp SH7721 Datasheet HTML 1032Page - Renesas Technology Corp SH7721 Datasheet HTML 1033Page - Renesas Technology Corp SH7721 Datasheet HTML 1034Page - Renesas Technology Corp SH7721 Datasheet HTML 1035Page - Renesas Technology Corp SH7721 Datasheet HTML 1036Page - Renesas Technology Corp SH7721 Datasheet HTML 1037Page - Renesas Technology Corp SH7721 Datasheet HTML 1038Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1034 / 1524 page
background image
Section 29
PC Card Controller (PCC)
Rev. 3.00 Jan. 18, 2008 Page 972 of 1458
REJ09B0033-0300
29.3.4
Area 6 Card Status Change Interrupt Enable Register (PCC0CSCIER)
The area 6 card status change interrupt enable register (PCC0CSCIER) is an 8-bit
readable/writable register. PCC0CSCIER enables or disables interrupt requests for interrupt
sources for the PC card connected to area 6. When a PCC0CSCIER is set to 1, the corresponding
interrupt is enabled, and when the bit is cleared to 0, the interrupt is disabled. PCC0CSCIER is
initialized by a power-on reset but retains its value in a manual reset and in software standby
mode.
Bit
Bit Name
Initial Value R/W
Description
7
P0CRE
0
R/W
PCC0 Card Reset Enable
When this bit is set to 1, and when the
CD1 and CD2
detect that a PC card is connected to area 6, the area 6
general control register (PCC0GCR) is initialized.
0: The area 6 general control register (PCC0GCR) is
not initialized even if a PC card is detected in area 6
1: The area 6 general control register (PCC0GCR) is
initialized when a PC card is detected connected to
area 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com