Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1030 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1030 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1026Page - Renesas Technology Corp SH7721 Datasheet HTML 1027Page - Renesas Technology Corp SH7721 Datasheet HTML 1028Page - Renesas Technology Corp SH7721 Datasheet HTML 1029Page - Renesas Technology Corp SH7721 Datasheet HTML 1030Page - Renesas Technology Corp SH7721 Datasheet HTML 1031Page - Renesas Technology Corp SH7721 Datasheet HTML 1032Page - Renesas Technology Corp SH7721 Datasheet HTML 1033Page - Renesas Technology Corp SH7721 Datasheet HTML 1034Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1030 / 1524 page
background image
Section 29
PC Card Controller (PCC)
Rev. 3.00 Jan. 18, 2008 Page 968 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial Value R/W
Description
2
P0PA25
0
R/W
PC Card Address
Controls A25 pin for the PC card connected to area 6.
When the common memory space is accessed for the
PC card connected to area 6, this bit is output to A25
pin. When the attribute memory space or I/O space is
accessed, this bit is meaningless.
0: When the common memory space is accessed for
the PC card connected to area 6, 0 is output to A25
pin
1: When the common memory space is accessed for
the PC card connected to area 6, 1 is output to A25
pin
1
P0PA24
0
R/W
PC Card Address
Controls A24 pin for the PC card connected to area 6.
When bit P0MMOD is 1 and the common memory
space is accessed for the PC card connected to area 6,
this bit is output to A24 pin. When bit P0MMOD is 0 or
the attribute memory space or I/O space is accessed,
this bit is meaningless.
0: When bit P0MMOD is 1 and the common memory
space is accessed for the PC card connected to area
6, 0 is output to A24 pin
1: When bit P0MMOD is 1 and the common memory
space is accessed for the PC card connected to area
6, 1 is output to A24 pin
0
P0REG
0
R/W
PCC0REG Space Indication
Controls
PCC_REG pin for the PC card connected to
area 6. When bit P0MMOD is 0, this bit is output to
PCC_REG pin for the PC card connected to area 6.
When bit P0MMOD is 1 or the I/O card interface is
accessed, this bit is meaningless.
0: When bit P0MMOD is 0 and the PC card connected
to area 6 is accessed, 0 is output to
PCC_REG pin
1: When bit P0MMOD is 0 and the PC card connected
to area 6 is accessed, 1 is output to
PCC_REG pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com