Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1028 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1028 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1024Page - Renesas Technology Corp SH7721 Datasheet HTML 1025Page - Renesas Technology Corp SH7721 Datasheet HTML 1026Page - Renesas Technology Corp SH7721 Datasheet HTML 1027Page - Renesas Technology Corp SH7721 Datasheet HTML 1028Page - Renesas Technology Corp SH7721 Datasheet HTML 1029Page - Renesas Technology Corp SH7721 Datasheet HTML 1030Page - Renesas Technology Corp SH7721 Datasheet HTML 1031Page - Renesas Technology Corp SH7721 Datasheet HTML 1032Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1028 / 1524 page
background image
Section 29
PC Card Controller (PCC)
Rev. 3.00 Jan. 18, 2008 Page 966 of 1458
REJ09B0033-0300
29.3.2
Area 6 General Control Register (PCC0GCR)
PCC0GCR is an 8-bit readable/writable register, which controls the external buffer, resets, address
A25 and A24 pins, and
REG pin, and sets the PC card type for the PC card connected to area 6.
PCC0GCR is initialized by a power-on reset but retains its value in a manual reset and in software
standby mode.
Bit
Bit Name
Initial Value R/W
Description
7
P0DRVE
0
R/W
PCC0 Buffer Control
Controls the external buffer for the PC card connected
to area 6.
0: High-level setting for control
PCC_DRV pin of the
external buffer for the PC card connected to area 6
1: Low-level setting for control
PCC_DRV pin of the
external buffer for the PC card connected to area 6
6
P0PCCR
0
R/W
PCC0 Card Reset
Controls resets for the PC card connected to area 6.
0: Low-level setting for reset PCC_RESET pin for the
PC card connected to area 6
1: High-level setting for reset PCC_RESET pin for the
PC card connected to area 6
5
P0PCCT
0
R/W
PCC0 Card Type
Specifies the type of the PC card connected to area 6.
Cleared to 0 when the PC card is the IC memory card
interface type; set to 1 when the PC card is the I/O card
interface type.
0: The PC card connected to area 6 is handled as the
IC memory card interface type
1: The PC card connected to area 6 is handled as the
I/O card interface type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com