| Electronic Components Datasheet Search |
|
SH7721 Datasheet(PDF) 1024 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 Datasheet(HTML) 1024 Page - Renesas Technology Corp |
|
1024 / 1524 page ![]() Section 29 PC Card Controller (PCC) Rev. 3.00 Jan. 18, 2008 Page 962 of 1458 REJ09B0033-0300 29.2 Input/Output Pins PCC related external pins are listed below. Table 29.2 PCC Pin Configuration Pin Name Abbreviation I/O Description PCC wait request PCC_WAIT Input Hardware wait request signal PCC 16-bit input/output PCC_IOIS16 Input Write protection signal from PC card when IC memory interface is connected Signal to indicate 16-bit I/O from PC card when I/O card interface is connected PCC ready PCC_RDY Input Ready/busy signal form PC card when IC memory interface is connected Interrupt request signal from PC card when I/O card interface is connected PCC battery detection 1 PCC_BVD1 Input Buttery voltage detect 1 signal from PC card when IC memory interface is connected Card status change signal from PC card when I/O card interface is connected PCC battery detection 2 PCC_BVD2 Input Buttery voltage detect 2 signal from PC card when IC memory interface is connected Digital sound signal from PC card when I/O card interface is connected PCC card detection 1 PCC_CD1 Input Card detect 1 signal from PC card PCC card detection 2 PCC_CD2 Input Card detect 2 signal from PC card PCC voltage detection 1 PCC_VS1 Input Voltage sense 1 signal from PC card PCC voltage detection 2 PCC_VS2 Input Voltage sense 2 signal from PC card PCC space indication PCC_REG Output Area indicate signal for PC card PCC buffer control PCC_DRV Output Buffer control signal PCC reset PCC_RESET Output Reset signal for PC card |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |