Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1023 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1023 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1019Page - Renesas Technology Corp SH7721 Datasheet HTML 1020Page - Renesas Technology Corp SH7721 Datasheet HTML 1021Page - Renesas Technology Corp SH7721 Datasheet HTML 1022Page - Renesas Technology Corp SH7721 Datasheet HTML 1023Page - Renesas Technology Corp SH7721 Datasheet HTML 1024Page - Renesas Technology Corp SH7721 Datasheet HTML 1025Page - Renesas Technology Corp SH7721 Datasheet HTML 1026Page - Renesas Technology Corp SH7721 Datasheet HTML 1027Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1023 / 1524 page
background image
Section 29
PC Card Controller (PCC)
Rev. 3.00 Jan. 18, 2008 Page 961 of 1458
REJ09B0033-0300
(2)
Continuous 16-Mbyte Area Mode
Setting 1 in bit 3 (P0MMOD) of the general control register enables the continuous 16-Mbyte area
mode. In this mode, the attribute memory space and I/O memory space are 16 Mbytes, and the
common memory space is 64 Mbytes. In the common memory space, set the PC card address in
bit 2 (P0PA25) and bit 1 (P0PA24) of the general control register to access each address of 16
Mbytes unit. By this operation, values are output to A25 and A24 pins, enabling an address space
of more than 16 Mbytes to be accessed (initial value: 0 for P0PA25). When an address of 16
Mbytes or less is accessed, no settings are required. This bit does not affect access to attribute
memory space or I/O memory space.
Figures 29.3 shows the relationship between the memory space of this LSI and the memory and
I/O spaces of the PC card in the continuous 16-Mbyte area mode. Memory space and I/O space are
supported in area 6.
The attribute memory space, common memory space, and I/O space of the PC card are provided
as 16-Mbyte physical spaces in this mode. Therefore, this LSI automatically controls
PCC_REG
pin (the value of bit 0 (P0REG) in the general control register is ignored). In area 6, the output of
PCC_REG pin is 0 when the attribute memory space or I/O space is accessed, and 1 when the
common memory space is accessed.
See the register descriptions in section 29.3, Register Descriptions for details of register settings.
This LSI memory
space
PC card address
space
General control
register bit settings
P0MMOD = 1
P0REG = x
Attribute memory 16
Mbytes
(Pin
PCCREG is alwys 0)
I/O space 16
Mbytes
(Pin
PCCREG is alwys 0)
Attribute memory
Common memory
I/O space
16
Mbytes
16
Mbytes
16
Mbytes
P0PA25 = x, P0PA24 = x
P0PA25 = 0, P0PA24 = 0
P0PA25 = 0, P0PA24 = 1
P0PA25 = 1, P0PA24 = 0
P0PA25 = 1, P0PA24 = 1
Common mermoy
(Pin
PCCREG is always 1)
Total 64
Mbytes
Not
used
H'18000000
H'1A000000
P0PA25 = x, P0PA24 = x
x: Don't care
Area 6
P0PA25
P0PA24
Figure 29.3
Continuous 16-Mbyte Area Mode (Area 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com