| Electronic Components Datasheet Search |
|
SH7721 Datasheet(PDF) 1026 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 Datasheet(HTML) 1026 Page - Renesas Technology Corp |
|
1026 / 1524 page ![]() Section 29 PC Card Controller (PCC) Rev. 3.00 Jan. 18, 2008 Page 964 of 1458 REJ09B0033-0300 Bit Bit Name Initial Value R/W Description 6 P0MWP Undefined* R PCC0 Write Protect The value of WP pin of the PC card connected to area 6 is read when the IC memory card interface is connected. 0 is read when the I/O card interface is connected. This bit cannot be written to. 0: Indicates that the value of WP pin is 0 when the PC card connected to area 6 uses the IC memory card interface type. The value of bit 6 is always 0 when the PC card connected to area 6 is the I/O card interface type. 1: Indicates that the value of WP pin is 1 when the PC card connected to area 6 is the IC memory card interface type. 5 P0VS2 Undefined* R PCC0 Voltage Sense 2 The value of VS2 pin of the PC card connected to area 6 is read. This bit cannot be written to. 0: The value of VS2 pin of the PC card connected to area 6 is 0 1: The value of VS2 pin of the PC card connected to area 6 is 1 4 P0VS1 Undefined* R PCC0 Voltage Sense 1 The value of VS1 pin of the PC card connected to area 6 is read. This bit cannot be written to. 0: The value of VS1 pin of the PC card connected to area 6 is 0 1: The value of VS1 pin of the PC card connected to area 6 is 1 3 P0CD2 Undefined* R PCC0 Card Detect 2 The value of CD2 pin of the PC card connected to area 6 is read. This bit cannot be written to. 0: The value of CD2 pin of the PC card connected to area 6 is 0 1: The value of CD2 pin of the PC card connected to area 6 is 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |