Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1022 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1022 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1018Page - Renesas Technology Corp SH7721 Datasheet HTML 1019Page - Renesas Technology Corp SH7721 Datasheet HTML 1020Page - Renesas Technology Corp SH7721 Datasheet HTML 1021Page - Renesas Technology Corp SH7721 Datasheet HTML 1022Page - Renesas Technology Corp SH7721 Datasheet HTML 1023Page - Renesas Technology Corp SH7721 Datasheet HTML 1024Page - Renesas Technology Corp SH7721 Datasheet HTML 1025Page - Renesas Technology Corp SH7721 Datasheet HTML 1026Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1022 / 1524 page
background image
Section 29
PC Card Controller (PCC)
Rev. 3.00 Jan. 18, 2008 Page 960 of 1458
REJ09B0033-0300
In area 6, set 1 in bit 0 (P0REG) of the general control register to access the common memory
space of the PC card, and set 0 in bit 0 to access the attribute memory space (initial value: 0). By
this operation, the set value is output to
PCC_REG pin, enabling any space to be accessed. When
the I/O space is accessed in area 6, the output of
PCC_REG pin is always 0 regardless of the value
of bit 0 (P0REG).
See the register descriptions in section 29.3, Register Descriptions for details of register settings.
This LSI memory
space
PC card address
space
General control
register bit settings
P0MMOD = 0
P0PA24 = x
P0PA25 = x
P0REG = 0 (attribute)
P0PA25 = 0
P0REG = 1 (common
memory)
P0PA25 = 0
P0REG = 1 (common
memory)
P0PA25 = x
P0REG = x
Pin
PCCREG is always 0
Attribute memory/
common memory
32 Mbytes
I/O space
32 Mbytes
P0REG
P0PA25
H'18000000
H'1A000000
x: Don't care
Area 6
32 Mbytes
I/O space
Common mermoy
32 Mbytes
Total 64 Mbytes
Attribute memory
Figure 29.2
Continuous 32-Mbyte Area Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com