Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1019 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1019 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1015Page - Renesas Technology Corp SH7721 Datasheet HTML 1016Page - Renesas Technology Corp SH7721 Datasheet HTML 1017Page - Renesas Technology Corp SH7721 Datasheet HTML 1018Page - Renesas Technology Corp SH7721 Datasheet HTML 1019Page - Renesas Technology Corp SH7721 Datasheet HTML 1020Page - Renesas Technology Corp SH7721 Datasheet HTML 1021Page - Renesas Technology Corp SH7721 Datasheet HTML 1022Page - Renesas Technology Corp SH7721 Datasheet HTML 1023Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1019 / 1524 page
background image
Section 29
PC Card Controller (PCC)
Rev. 3.00 Jan. 18, 2008 Page 957 of 1458
REJ09B0033-0300
Section 29
PC Card Controller (PCC)
The PC card controller (PCC) controls the external buffer, interrupts, and exclusive ports of the
PC card interface to be connected to this LSI. Using the PCC enables two slots of PC cards that
conform to the PCMCIA Rev. 2.1/JEIDA Ver. 4.2 standard to be easily connected to this LSI.
29.1
Features
• As a PC card interface to be connected to physical area 6, an IC memory card interface and an
I/O card interface are supported.
• Outputs control signals for the external buffer (PCC_DRV).
• Supports a preemptive operating system by switching attribute memory, common memory, and
I/O space by using addresses.
• Provides a segment bit (an address bit for the PC card) for common memory, enabling access
to a 64-Mbyte space fully conforming to PCMCIA specifications.
• Disables the PCC operation and supports only a bus interface of a PC card interface (by using
the P0USE bit of PCC0GCR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com