Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1017 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1017 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1013Page - Renesas Technology Corp SH7721 Datasheet HTML 1014Page - Renesas Technology Corp SH7721 Datasheet HTML 1015Page - Renesas Technology Corp SH7721 Datasheet HTML 1016Page - Renesas Technology Corp SH7721 Datasheet HTML 1017Page - Renesas Technology Corp SH7721 Datasheet HTML 1018Page - Renesas Technology Corp SH7721 Datasheet HTML 1019Page - Renesas Technology Corp SH7721 Datasheet HTML 1020Page - Renesas Technology Corp SH7721 Datasheet HTML 1021Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1017 / 1524 page
background image
Section 28
D/A Converter (DAC)
Rev. 3.00 Jan. 18, 2008 Page 955 of 1458
REJ09B0033-0300
28.3.2
D/A Control Register (DACR)
The DACR register is an 8-bit readable/writable register that controls D/A converter operation.
The DACR is initialized to H'3F at reset. Note that the DACR is not initialized in software
standby, module standby, or hardware standby mode.
Bit
Bit Name
Initial
Value
R/W
Description
7
DAOE1
0
R/W
Controls D/A conversion for channel 1 and analog output.
0: D/A conversion for channel 1 and analog output (DA1)
are disabled
1: D/A conversion for channel 1 and analog output (DA1)
are enabled
6
DAOE0
0
R/W
Controls D/A conversion for channel 0 and analog output.
0: D/A conversion for channel 0 and analog output (DA0)
are disabled
1: D/A conversion for channel 0 and analog output (DA0)
are enabled
5 to 0
All 1
R
Reserved
These bits are always read as 1. The write value should
always be 1. If 0 is written to these bits, correct operation
cannot be guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com