Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1018 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1018 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1014Page - Renesas Technology Corp SH7721 Datasheet HTML 1015Page - Renesas Technology Corp SH7721 Datasheet HTML 1016Page - Renesas Technology Corp SH7721 Datasheet HTML 1017Page - Renesas Technology Corp SH7721 Datasheet HTML 1018Page - Renesas Technology Corp SH7721 Datasheet HTML 1019Page - Renesas Technology Corp SH7721 Datasheet HTML 1020Page - Renesas Technology Corp SH7721 Datasheet HTML 1021Page - Renesas Technology Corp SH7721 Datasheet HTML 1022Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1018 / 1524 page
background image
Section 28
D/A Converter (DAC)
Rev. 3.00 Jan. 18, 2008 Page 956 of 1458
REJ09B0033-0300
28.4
Operation
The D/A converter incorporates two D/A channels that can operate individually.
The D/A converter executes D/A conversion while analog output is enabled by the D/A control
register (DACR). If the D/A data registers (DADR0 and DADR1) are modified, the D/A converter
immediately initiates the new data conversion. When the DAOE1 and DAOE0 bits in the DACR
register are set to 1, D/A conversion results are output.
An example of D/A conversion for channel 0 is shown below. The operation timing is shown in
figure 28.2.
1. Write conversion data to DADR0.
2. When the DAOE0 bit in DACR is set to 1, D/A conversion starts. The results are output after
the conversion has ended. The output value will be (DADR0 contents/256)
× AVcc.
The conversion results are output continuously until DADR0 is modified or the DAOE0 bit is
cleared to 0.
3. When D/A data register 0 (DMDR0) is modified, the conversion starts again.
The results are output after the conversion has ended.
4. When the DAOE0 bit is cleared to 0, analog output is disabled (high-impedance state).
DADR0
Address bus
P
φ
DADR0
write cycle
DADR0
write cycle
DACR
write cycle
DACR
write cycle
DAOE0
DA0
[Legend]
tDCONV: D/A conversion time
High impedance
state
Conversion result (1)
Conversion
result (2)
Conversion data (1)
Conversion data (2)
tDCONV
tDCONV
Figure 28.2
D/A Converter Operation Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com