Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1025 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1025 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1021Page - Renesas Technology Corp SH7721 Datasheet HTML 1022Page - Renesas Technology Corp SH7721 Datasheet HTML 1023Page - Renesas Technology Corp SH7721 Datasheet HTML 1024Page - Renesas Technology Corp SH7721 Datasheet HTML 1025Page - Renesas Technology Corp SH7721 Datasheet HTML 1026Page - Renesas Technology Corp SH7721 Datasheet HTML 1027Page - Renesas Technology Corp SH7721 Datasheet HTML 1028Page - Renesas Technology Corp SH7721 Datasheet HTML 1029Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1025 / 1524 page
background image
Section 29
PC Card Controller (PCC)
Rev. 3.00 Jan. 18, 2008 Page 963 of 1458
REJ09B0033-0300
29.3
Register Descriptions
PCC has the following registers.
• Area 6 interface status register (PCC0ISR)
• Area 6 general control register (PCC0GCR)
• Area 6 card status change register (PCC0CSCR)
• Area 6 card status change interrupt enable register (PCC0CSCIER)
29.3.1
Area 6 Interface Status Register (PCC0ISR)
PCC0ISR is an 8-bit read-only register, which is used to read the status of the PC card connected
to area 6. The initial value of PCC0ISR depends on the PC card status.
Bit
Bit Name
Initial Value R/W
Description
7
P0RDY/
IREQ
Undefined*
R
PCC0 Ready
The value on the RDY/
BSY pin of the PC card
connected to area 6 is read when the IC memory card
interface is connected. The value of
IREQ pin of the PC
card connected to area 6 is read when the I/O card
interface is connected. This bit cannot be written to.
0: Indicates that the value of RDY/
BSY pin is 0 when
the PC card connected to area 6 is an IC memory
card interface type. The value of
IREQ pin is 0 when
the PC card connected to area 6 is the I/O card
interface type.
1: Indicates that the value of RDY/
BSY pin is 1 when
the PC card connected to area 6 is the IC memory
card interface type. The value of
IREQ pin is 1 when
the PC card connected to area 6 is the I/O card
interface type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com