Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1032 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1032 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1028Page - Renesas Technology Corp SH7721 Datasheet HTML 1029Page - Renesas Technology Corp SH7721 Datasheet HTML 1030Page - Renesas Technology Corp SH7721 Datasheet HTML 1031Page - Renesas Technology Corp SH7721 Datasheet HTML 1032Page - Renesas Technology Corp SH7721 Datasheet HTML 1033Page - Renesas Technology Corp SH7721 Datasheet HTML 1034Page - Renesas Technology Corp SH7721 Datasheet HTML 1035Page - Renesas Technology Corp SH7721 Datasheet HTML 1036Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1032 / 1524 page
background image
Section 29
PC Card Controller (PCC)
Rev. 3.00 Jan. 18, 2008 Page 970 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial Value
R/W
Description
4
P0SC
0
R/W
PCC0 Status Change
Indicates a change in the value of the
STSCHG of the PC card
when the PC card connected to area 6 is the I/O card interface
type. When the
STSCHG is changed from 1 to 0, the P0SC bit
is set to 1. When
STSCHG is not changed, the P0SC bit
remains at 0. Write 0 to bit 4 when this bit is set to 1 in order to
clear this bit to 0. This bit is not changed if 1 is written. This bit
always reads 0 on the IC memory card interface.
0:
STSCHG of the PC card is not changed when the PC card
is on the I/O card interface
1:
STSCHG of the PC card is changed from 1 to 0 when the
PC card is on the I/O card interface
3
P0CDC
0
R/W
PCC0 Card Detect Change
Indicates a change in the value of the
CD1 and CD2 in the PC
card connected to area 6. When the
CD1 and CD2 values are
changed, the P0CDC bit is set to 1. When the values are not
changed, the P0CDC bit remains at 0. Write 0 to bit 3 in order
to clear this bit to 0. This bit is not changed if 1 is written.
0:
CD1 and CD2 in the PC card are not changed
1:
CD1 and CD2 in the PC card are changed
2
P0RC
0
R/W
PCC0 Ready Change
Indicates a change in the value of the RDY/
BSY of the PC
card when the PC card connected to area 6 is the IC memory
card interface type. When the RDY/
BSY is changed from 0 to
1, the P0RC bit is set to 1. When the RDY/
BSY is not
changed, the P0RC bit remains at 0. Write 0 to bit 2 in order to
clear this bit to 0. This bit is not changed if 1 is written. This bit
always reads 0 on the I/O card interface.
0: RDY/
BSY in the PC card is not changed when the PC card
is on the IC memory card interface
1: RDY/
BSY in the PC card is changed from 0 to 1 when the
PC card is on the IC memory card interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com