Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1092 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1092 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1088Page - Renesas Technology Corp SH7721 Datasheet HTML 1089Page - Renesas Technology Corp SH7721 Datasheet HTML 1090Page - Renesas Technology Corp SH7721 Datasheet HTML 1091Page - Renesas Technology Corp SH7721 Datasheet HTML 1092Page - Renesas Technology Corp SH7721 Datasheet HTML 1093Page - Renesas Technology Corp SH7721 Datasheet HTML 1094Page - Renesas Technology Corp SH7721 Datasheet HTML 1095Page - Renesas Technology Corp SH7721 Datasheet HTML 1096Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1092 / 1524 page
background image
Section 31
MultiMediaCard Interface (MMCIF)
Rev. 3.00 Jan. 18, 2008 Page 1030 of 1458
REJ09B0033-0300
31.3
Register Descriptions
The MMCIF has the following registers. Refer to section 37, List of Registers, for more details on
the addresses and states of these registers in each operating mode.
• Mode register (MODER)
• Command type register (CMDTYR)
• Response type register (RSPTYR)
• Transfer byte number count register (TBCR)
• Transfer block number counter (TBNCR)
• Command registers 0 to 5 (CMDR0 to CMDR5)
• Response registers 0 to 16 (RSPR0 to RSPR16)
• Response register D (RSPRD)
• Command start register (CMDSTRT)
• Operation control register (OPCR)
• Command timeout control register (CTOCR)
• Data timeout register (DTOUTR)
• Card status register (CSTR)
• Interrupt control registers 0 and 1 (INTCR0 and INTCR1)
• Interrupt status registers 0 and 1 (INTSTR0 and INTSTR1)
• Pin mode control register (IOMCR)
• Transfer clock control register (CLKON)
• VDD/open drain control register (VDCNT)
• Data register (DR)
• FIFO pointer clear register (FIFOCLR)
• DMA control register (DMACR)
• Interrupt control register 2 (INTCR2)
• Interrupt status register 2 (INTSTR2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com