| Electronic Components Datasheet Search |
|
SH7721 Datasheet(PDF) 1095 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 Datasheet(HTML) 1095 Page - Renesas Technology Corp |
|
1095 / 1524 page ![]() Section 31 MultiMediaCard Interface (MMCIF) Rev. 3.00 Jan. 18, 2008 Page 1033 of 1458 REJ09B0033-0300 31.3.3 Response Type Register (RSPTYR) RSPTYR specifies command format in conjunction with CMDTYR. Bits RTY2 to RTY0 are used to specify the number of response bytes, and bits RTY5 and RTY4 are used to make additional settings. Bit Bit Name Initial Value R/W Description 7, 6 — All 0 R/W Reserved These bits are always read as 0. The write value should always be 0. 5 RTY5 0 R/W This bit is set when a command with R1b response is issued. 4 RTY4 0 R/W Makes settings so that the command response (other than R2 response) CRC is checked by CRC7. Bits RTY2 to RTY0 should be set to 100. 3 RTY3 0 R/W Reserved 2 1 0 RTY2 RTY1 RTY0 0 0 0 R/W R/W R/W These bits specify the number of command response bytes. 000: A command needs no command response. 001: Setting prohibited 010: Setting prohibited 011: Setting prohibited 100: A command needs a 6-byte command response. Specified by R1, R1b, R3, R4, and R5 responses. 101: A command needs a 17-byte command response. Specified by R2 response. 110: Setting prohibited 111: Setting prohibited Note: Checking CRC by RTY4 is not checking the command response CRC error bit but checking the command response CRC. This checking is not performed for the CRC of the R2 command response in MMC mode. Table 31.2 summarizes the correspondence between the commands described in The MultiMediaCard System Specification Version 3.1 and the settings of CMDTYR and RSPTYR. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |