| Electronic Components Datasheet Search |
|
SH7721 Datasheet(PDF) 1099 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7721 Datasheet(HTML) 1099 Page - Renesas Technology Corp |
|
1099 / 1524 page ![]() Section 31 MultiMediaCard Interface (MMCIF) Rev. 3.00 Jan. 18, 2008 Page 1037 of 1458 REJ09B0033-0300 31.3.5 Transfer Block Number Counter (TBNCR) TBNCR sets the number of blocks to be transferred when multiblock transfer is specified by bits TY5 and TY6 in CMDTYR. The contents of TBNCR is decremented for every 1-block transfer completion. When the contents of TBNCR is 0, the command sequence is terminated, and an interrupt is generated. Bit Bit Name Initial Value R/W Description 15 to 0 TBNCR All 0 R/W Transfer Block Number Counter [Clearing condition] When the specified number of blocks are transferred and 0 is written to TBNCR. 31.3.6 Command Registers 0 to 5 (CMDR0 to CMDR5) CMDR are six 8-bit registers. A command is written to CMDR as shown in table 31.3, and a command is transmitted by setting the START bit in CMDSTRT to 1. Table 31.3 CMDR Configuration Register Contents Operation CMDR0 Start bit, Host bit, and command index Command index writing Sets the Start bit to 0, and the Host bit to 1. CMDR1 to CMDR4 Command argument Command argument writing CMDR5 CRC, End bit Setting of CRC is unnecessary (automatic calculation) Setting of end bit is unnecessary (end bit is set to 1) • CMDR0 Bit Bit Name Initial Value R/W Description 7 Start 0 R/W Start bit (This bit should be set to 0) 6 Host 0 R/W Transmission bit (This bit should be set to 1) 5 to 0 INDEX All 0 R/W Command indexes |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |