Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1100 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1100 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1096Page - Renesas Technology Corp SH7721 Datasheet HTML 1097Page - Renesas Technology Corp SH7721 Datasheet HTML 1098Page - Renesas Technology Corp SH7721 Datasheet HTML 1099Page - Renesas Technology Corp SH7721 Datasheet HTML 1100Page - Renesas Technology Corp SH7721 Datasheet HTML 1101Page - Renesas Technology Corp SH7721 Datasheet HTML 1102Page - Renesas Technology Corp SH7721 Datasheet HTML 1103Page - Renesas Technology Corp SH7721 Datasheet HTML 1104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1100 / 1524 page
background image
Section 31
MultiMediaCard Interface (MMCIF)
Rev. 3.00 Jan. 18, 2008 Page 1038 of 1458
REJ09B0033-0300
• CMDR1 to CMDR4
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
CMDR1 to
CMDR4
All 0
R/W
Command arguments
See specifications for the MMC.
• CMDR5
Bit
Bit Name
Initial
Value
R/W
Description
7 to 1
CRC
All 0
This bit is unnecessary to be set, and is always read as 0.
0
End
0
This bit is unnecessary to be set, and is always read as 0.
31.3.7
Response Registers 0 to 16 and D (RSPR0 to RSPR16 and RSPRD)
RSPR0 to RSPR16 are seventeen 8-bit command response registers. RSPRD is a 5-bit data
register.
The number of command response bytes differs according to the command. The number of
command response bytes can be specified by the response type register (RSPTYR) in the MMCIF.
The command response is shifted-in from the bit 0 in RSPR16, and shifted to the number of
command response bytes
× 8 bits. Table 31.4 summarizes the correspondence between the number
of command response bytes and valid RSPR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com