Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1098 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1098 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1094Page - Renesas Technology Corp SH7721 Datasheet HTML 1095Page - Renesas Technology Corp SH7721 Datasheet HTML 1096Page - Renesas Technology Corp SH7721 Datasheet HTML 1097Page - Renesas Technology Corp SH7721 Datasheet HTML 1098Page - Renesas Technology Corp SH7721 Datasheet HTML 1099Page - Renesas Technology Corp SH7721 Datasheet HTML 1100Page - Renesas Technology Corp SH7721 Datasheet HTML 1101Page - Renesas Technology Corp SH7721 Datasheet HTML 1102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1098 / 1524 page
background image
Section 31
MultiMediaCard Interface (MMCIF)
Rev. 3.00 Jan. 18, 2008 Page 1036 of 1458
REJ09B0033-0300
31.3.4
Transfer Byte Number Count Register (TBCR)
TBCR is an 8-bit readable/writable register that specifies the number of bytes to be transferred
(block size) for each single block transfer command. TBCR specifies the number of data block
bytes not including the start and end bytes and CRC.
The multiblock transfer command corresponds to the number of bytes of each data block. This
setting is ignored by the stream transfer command in MMC mode stream.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 4
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
3
2
1
0
C3
C2
C1
C0
0
0
0
0
R/W
R/W
R/W
R/W
Transfer data block size
0000: 1 byte
0001: 2 bytes
0010: 4 bytes
0011: 8 bytes
0100: 16 bytes
0101: 32 bytes
0110: 64 bytes
0111: 128 bytes
1000: 256 bytes
1001: 512 bytes
1010: 1024 bytes
1011: 2048 bytes
1100 to 1111: Setting prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com