Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1101 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1101 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1097Page - Renesas Technology Corp SH7721 Datasheet HTML 1098Page - Renesas Technology Corp SH7721 Datasheet HTML 1099Page - Renesas Technology Corp SH7721 Datasheet HTML 1100Page - Renesas Technology Corp SH7721 Datasheet HTML 1101Page - Renesas Technology Corp SH7721 Datasheet HTML 1102Page - Renesas Technology Corp SH7721 Datasheet HTML 1103Page - Renesas Technology Corp SH7721 Datasheet HTML 1104Page - Renesas Technology Corp SH7721 Datasheet HTML 1105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1101 / 1524 page
background image
Section 31
MultiMediaCard Interface (MMCIF)
Rev. 3.00 Jan. 18, 2008 Page 1039 of 1458
REJ09B0033-0300
Table 31.4
Correspondence between Command Response Byte Number and RSPR
MMC Mode Response
RSPR Registers
6 Bytes (R1, R1b, R3, R4, R5)
17 Bytes (R2)
RSPR0
1st byte
RSPR1
2nd byte
RSPR2
3rd byte
RSPR3
4th byte
RSPR4
5th byte
RSPR5
6th byte
RSPR6
7th byte
RSPR7
8th byte
RSPR8
9th byte
RSPR9
10th byte
RSPR10
11th byte
RSPR11
1st byte
12th byte
RSPR12
2nd byte
13th byte
RSPR13
3rd byte
14th byte
RSPR14
4th byte
15th byte
RSPR15
5th byte
16th byte
RSPR16
6th byte
17th byte
RSPR0 to RSPR16 are simple shift registers. A command response that has been shifted in is not
automatically cleared, and it is continuously shifted until it is shifted out from the bit 7 in RSPR0.
To clear unnecessary bytes to H'00, write arbitrary values to each RSPR.
• RSPR0 to RSPR16
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
RSPR
All 0
R/W
These bits are cleared to H'00 by writing an arbitrary value.
RSPR0 to RSPR16 are continuous 17-byte shift registers.
Command response is stored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com