Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1105 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1105 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1101Page - Renesas Technology Corp SH7721 Datasheet HTML 1102Page - Renesas Technology Corp SH7721 Datasheet HTML 1103Page - Renesas Technology Corp SH7721 Datasheet HTML 1104Page - Renesas Technology Corp SH7721 Datasheet HTML 1105Page - Renesas Technology Corp SH7721 Datasheet HTML 1106Page - Renesas Technology Corp SH7721 Datasheet HTML 1107Page - Renesas Technology Corp SH7721 Datasheet HTML 1108Page - Renesas Technology Corp SH7721 Datasheet HTML 1109Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1105 / 1524 page
background image
Section 31
MultiMediaCard Interface (MMCIF)
Rev. 3.00 Jan. 18, 2008 Page 1043 of 1458
REJ09B0033-0300
31.3.10
Command Timeout Control Register (CTOCR)
CTOCR specifies a cycle to generate a timeout for the command response.
When receiving the command response, CTOUTC continues counting the transfer clock, and
enters the command timeout error state when the number of transfer clock reaches the number
specified in CTOCR. When the CTERIE bit in INTCR1 is set to 1, the CTERI flag in INTSTR1 is
set. To perform command timeout error handling, the command sequence should be aborted by
setting the CMDOFF bit to 1, and then the CTERI flag should be cleared.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 1
All 0
Reserved
These bits are always read as 0. The write value should
always be 0.
0
CTSEL0
1
R/W
0: 128 transfer clocks from command transmission completion
to response reception completion
1: 256 transfer clocks from command transmission completion
to response reception completion
Note:
When R2 response (17-byte command response) is required, a timeout is generated during
response reception if the CTSEL0 bit is set to 0. Therefore, set the CTSEL0 bit to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com