Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1109 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1109 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1105Page - Renesas Technology Corp SH7721 Datasheet HTML 1106Page - Renesas Technology Corp SH7721 Datasheet HTML 1107Page - Renesas Technology Corp SH7721 Datasheet HTML 1108Page - Renesas Technology Corp SH7721 Datasheet HTML 1109Page - Renesas Technology Corp SH7721 Datasheet HTML 1110Page - Renesas Technology Corp SH7721 Datasheet HTML 1111Page - Renesas Technology Corp SH7721 Datasheet HTML 1112Page - Renesas Technology Corp SH7721 Datasheet HTML 1113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1109 / 1524 page
background image
Section 31
MultiMediaCard Interface (MMCIF)
Rev. 3.00 Jan. 18, 2008 Page 1047 of 1458
REJ09B0033-0300
31.3.13
Interrupt Control Registers 0 and 1 (INTCR0 and INTCR1)
INTCR enable or disable each flag set of INTSTR0 and INTSTR1 and interrupts.
• INTCR0
Bit
Bit Name
Initial
Value
R/W
Description
7
FEIE
0
R/W
FIFO Empty Flag Enable
0: Disables FIFO empty flag setting
1: Enables FIFO empty flag setting
6
FFIE
0
R/W
FIFO Full Flag Enable
0: Disables FIFO full flag setting
1: Enables FIFO full flag setting
5
DRPIE
0
R/W
Data Response End Flag Enable
0: Disables data response end flag setting
1: Enables data response end flag setting
4
DTIE
0
R/W
Data Transfer End Flag Enable
0: Disables data transfer end flag setting
1: Enables data transfer end flag setting
3
CRPIE
0
R/W
Command Response End Flag Enable
0: Disables command response end flag setting
1: Enables command response end flag setting
2
CMDIE
0
R/W
Command Output End Flag Enable
0: Disables command output end flag setting
1: Enables command output end flag setting
1
DBSYIE
0
R/W
Data Busy End Flag Enable
0: Disables data busy end flag setting
1: Enables data busy end flag setting
0
BTIE
0
R/W
Multiblock Transfer End Flag Enable
0: Disables multiblock transfer end flag setting
1: Enables multiblock transfer end flag setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com