Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1107 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1107 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1103Page - Renesas Technology Corp SH7721 Datasheet HTML 1104Page - Renesas Technology Corp SH7721 Datasheet HTML 1105Page - Renesas Technology Corp SH7721 Datasheet HTML 1106Page - Renesas Technology Corp SH7721 Datasheet HTML 1107Page - Renesas Technology Corp SH7721 Datasheet HTML 1108Page - Renesas Technology Corp SH7721 Datasheet HTML 1109Page - Renesas Technology Corp SH7721 Datasheet HTML 1110Page - Renesas Technology Corp SH7721 Datasheet HTML 1111Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1107 / 1524 page
background image
Section 31
MultiMediaCard Interface (MMCIF)
Rev. 3.00 Jan. 18, 2008 Page 1045 of 1458
REJ09B0033-0300
31.3.12
Card Status Register (CSTR)
CSTR indicates the MMCIF status during command sequence execution.
Bit
Bit Name
Initial
Value
R/W
Description
7
BUSY
0
R
Command Busy
Indicates command execution state. When the CMDOFF bit
in OPCR is set to 1, this bit is cleared to 0 because the
MMCIF command sequence is aborted.
0: Idle state waiting for a command, or data busy state
1: Command sequence execution in progress
6
FIFO_
FULL
0
R
FIFO Full
When read data is received, this bit is set to 1 after FIFO has
been full. This bit is cleared to 0 when RD_CONTI is set to 1
or command sequence is ended.
0: The FIFO is empty
1: The FIFO is full
5
FIFO_
EMPTY
0
R
FIFO Empty
When write data is transmitted, this bit is set to 1 after FIFO
has been empty. This bit is cleared to 0 when DATAEN is
set to 1 or command sequence is ended.
0: The FIFO includes data
1: The FIFO is empty
4
CWRE
0
R
Command Register Write Enable
Indicates whether the CMDR command is being transmitted
or has been transmitted.
0: The CMDR command has been transmitted, or the
START bit in CMDSTRT has not been set yet, so the new
command can be written.
1: The CMDR command is waiting for transmission or is
being transmitted. If the new command is written, a
malfunction will result.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com