Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1104 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1104 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1100Page - Renesas Technology Corp SH7721 Datasheet HTML 1101Page - Renesas Technology Corp SH7721 Datasheet HTML 1102Page - Renesas Technology Corp SH7721 Datasheet HTML 1103Page - Renesas Technology Corp SH7721 Datasheet HTML 1104Page - Renesas Technology Corp SH7721 Datasheet HTML 1105Page - Renesas Technology Corp SH7721 Datasheet HTML 1106Page - Renesas Technology Corp SH7721 Datasheet HTML 1107Page - Renesas Technology Corp SH7721 Datasheet HTML 1108Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1104 / 1524 page
background image
Section 31
MultiMediaCard Interface (MMCIF)
Rev. 3.00 Jan. 18, 2008 Page 1042 of 1458
REJ09B0033-0300
Bit
Bit Name
Initial
Value
R/W
Description
4
DATAEN 0
R/W
Data Enable
Starts write data transmission by a command with write data.
Resumes write data transmission when the transfer clock is
halted according to FIFO empty or one block writing is
terminated in multiblock write.
Write enable period: (1) after reception of a command
response with write data, (2) while transfer clock is halted
according to FIFO empty, (3) when one block writing in
multiblock write is terminated
Writes 0: Operation is not affected.
Writes 1: Starts or resumes transfer clock output and write
data transmission.
3 to 0
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
For write data transmission, the contents of the command response and data response should be
analyzed, and then transmission should be triggered. In addition, write data transmission should be
temporarily halted according to FIFO full/empty, and it should be resumed when the preparation
has been completed.
For multiblock transfer, the transfer clock output should be temporarily halted for every block
break to select either to continue to the next block or to abort the multiblock transfer command by
issuing the CMD12 command, and the transfer clock output should be resumed. To continue to the
next block, the RD_CONTI and DATAEN bits should be set to 1. To issue the CMD12 command,
the CMDOFF bit should be set to 1 to abort the command sequence on the MMCIF side. Setting
RD_CONTI or DATAE bit between blocks, can be omitted when auto mode is used in pre-define
multi block transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com