Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1111 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1111 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1107Page - Renesas Technology Corp SH7721 Datasheet HTML 1108Page - Renesas Technology Corp SH7721 Datasheet HTML 1109Page - Renesas Technology Corp SH7721 Datasheet HTML 1110Page - Renesas Technology Corp SH7721 Datasheet HTML 1111Page - Renesas Technology Corp SH7721 Datasheet HTML 1112Page - Renesas Technology Corp SH7721 Datasheet HTML 1113Page - Renesas Technology Corp SH7721 Datasheet HTML 1114Page - Renesas Technology Corp SH7721 Datasheet HTML 1115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1111 / 1524 page
background image
Section 31
MultiMediaCard Interface (MMCIF)
Rev. 3.00 Jan. 18, 2008 Page 1049 of 1458
REJ09B0033-0300
31.3.14
Interrupt Status Registers 0 and 1 (INTSTR0 and INTSTR1)
INTSTR enable or disable MMCIF interrupts.
• INTSTR0
Bit
Bit Name
Initial
Value
R/W
Description
7
FEI
0
R/(W)* FIFO Empty Flag
[Setting condition]
When FIFO becomes empty while FEIE = 1 and write data
is transmitted. (When the FIFO_EMPTY bit in CSTR is set.)
[Clearing condition]
Write 0 after reading FEI = 1.
6
FFI
0
R/(W)* FIFO Full Flag
[Setting condition]
When FIFO becomes full while FFIE = 1 and read data is
received. (When the FIFO_FULL bit in CSTR is set.)
[Clearing condition]
Write 0 after reading FFI = 1.
5
DRPI
0
R/(W)* Data Response Flag
[Setting condition]
When the CRC status is received while DRPIE = 1.
[Clearing condition]
Write 0 after reading DRPI = 1.
4
DTI
0
R/(W)* Data Transfer End Flag
[Setting condition]
When the number of bytes of data transfer specified in
TBCR ends while DTIE = 1.
[Clearing condition]
Write 0 after reading DTI = 1.
3
CRPI
0
R/(W)* Command Response Reception End Flag
[Setting condition]
When command response reception ends while CRPIE = 1.
[Clearing condition]
Write 0 after reading CRPI = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com