Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1115 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1115 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1111Page - Renesas Technology Corp SH7721 Datasheet HTML 1112Page - Renesas Technology Corp SH7721 Datasheet HTML 1113Page - Renesas Technology Corp SH7721 Datasheet HTML 1114Page - Renesas Technology Corp SH7721 Datasheet HTML 1115Page - Renesas Technology Corp SH7721 Datasheet HTML 1116Page - Renesas Technology Corp SH7721 Datasheet HTML 1117Page - Renesas Technology Corp SH7721 Datasheet HTML 1118Page - Renesas Technology Corp SH7721 Datasheet HTML 1119Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1115 / 1524 page
background image
Section 31
MultiMediaCard Interface (MMCIF)
Rev. 3.00 Jan. 18, 2008 Page 1053 of 1458
REJ09B0033-0300
31.3.15
Transfer Clock Control Register (CLKON)
CLKON controls the transfer clock frequency and clock on/off.
The 33-MHz peripheral clock is needed, and bits CSEL3 to CSEL0 should be set to 0001 for a
16.5-Mbps transfer clock of the MMCIF. At this time, transfer should be performed by sufficiently
slow transfer clock in the open drain state.
In the command sequence, do not perform clock on/off or frequency modification.
Bit
Bit Name
Initial
Value
R/W
Description
7
CLKON
0
R/W
Clock On
0: Stops the transfer clock output from the CLK/SCLK
pin.
1: Outputs the transfer clock from the CLK/SCLK pin.
6 to 4
—
All 0
R
Reserved
These bits are always read as 0. The write value should
always be 0.
3
2
1
0
CSEL3
CSEL2
CSEL1
CSEL0
0
0
0
0
R/W
R/W
R/W
R/W
Transfer Clock Frequency Select
0000: Setting prohibited
0001: Uses the 1/2-divided peripheral clock as a transfer
clock.
0010: Uses the 1/4-divided peripheral clock as a transfer
clock.
0011: Uses the 1/8-divided peripheral clock as a transfer
clock.
0100: Uses the 1/16-divided peripheral clock as a
transfer clock.
0101: Uses the 1/32-divided peripheral clock as a
transfer clock.
0110: Uses the 1/64-divided peripheral clock as a
transfer clock.
0111: Uses the 1/128-divided peripheral clock as a
transfer clock.
1000: Uses the 1/256-divided peripheral clock as a
transfer clock.
1001 to 1111: Setting prohibited
Note:
The maximum operating frequency of the peripheral clock is 33.34 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com