Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1119 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1119 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1115Page - Renesas Technology Corp SH7721 Datasheet HTML 1116Page - Renesas Technology Corp SH7721 Datasheet HTML 1117Page - Renesas Technology Corp SH7721 Datasheet HTML 1118Page - Renesas Technology Corp SH7721 Datasheet HTML 1119Page - Renesas Technology Corp SH7721 Datasheet HTML 1120Page - Renesas Technology Corp SH7721 Datasheet HTML 1121Page - Renesas Technology Corp SH7721 Datasheet HTML 1122Page - Renesas Technology Corp SH7721 Datasheet HTML 1123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1119 / 1524 page
background image
Section 31
MultiMediaCard Interface (MMCIF)
Rev. 3.00 Jan. 18, 2008 Page 1057 of 1458
REJ09B0033-0300
31.3.21
Interrupt Status Register 2 (INTSTR2)
The INTSTR2 controls the MMCIF interrupt output.
If setting condition is satisfied, FRDYI is set even though it has been cleared. Disable flag setting
by FRDYIE in INTCR2 before clearing FRDYI.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 2
All 0
Reserved
These bits are always read as 0. The write value should
always be 0.
1
FRDY_TU 1
R
When FRDYI setting condition is satisfied.
Read value
0: When FIFO remained data is less than data set as
assert condition by DMACR
1: When FIFO remained data is other than data set as
assert condition by DMACR
0
FRDYIE
0
R/(W)* FIFO Preparation End Flag Enable
[Setting condition]
When FIFO remained data is less than data set as assert
condition by DMACR while FRDYIE = 1 and the DMAEN
bit is set.
[Clearing condition]
Write 0 after reading FRDYI = 1.
Note:
*
Cleared by writing 0 after reading 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com