Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1122 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1122 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1118Page - Renesas Technology Corp SH7721 Datasheet HTML 1119Page - Renesas Technology Corp SH7721 Datasheet HTML 1120Page - Renesas Technology Corp SH7721 Datasheet HTML 1121Page - Renesas Technology Corp SH7721 Datasheet HTML 1122Page - Renesas Technology Corp SH7721 Datasheet HTML 1123Page - Renesas Technology Corp SH7721 Datasheet HTML 1124Page - Renesas Technology Corp SH7721 Datasheet HTML 1125Page - Renesas Technology Corp SH7721 Datasheet HTML 1126Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1122 / 1524 page
background image
Section 31
MultiMediaCard Interface (MMCIF)
Rev. 3.00 Jan. 18, 2008 Page 1060 of 1458
REJ09B0033-0300
(3)
Operation of Commands that do not Require Command Response
Some broadcast commands do not require command response.
Figure 31.2 shows an example of the command sequence for commands that do not require
command response.
Figure 31.3 shows the operational flow for commands that do not require command response.
• The settings needed to issue a command are made.
• The START bit in CMDSTRT is set to 1 to start command transmission.
• The end of command sequence is detected by poling the BUSY flag in CSTR or by the
command output end interrupt (CMDI).
CLK
CMD
DAT
CMDSTRT
(START)
INTSTR0
(CMDI)
CSTR
(CWRE)
(BUSY)
(REQ)
Input/output pins
Command output (48 bits)
Command transmission
started
Command transmission
ended
Command transmission period
Command sequence period
Figure 31.2
Example of Command Sequence for Commands
that do not Require Command Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com