Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1124 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1124 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1120Page - Renesas Technology Corp SH7721 Datasheet HTML 1121Page - Renesas Technology Corp SH7721 Datasheet HTML 1122Page - Renesas Technology Corp SH7721 Datasheet HTML 1123Page - Renesas Technology Corp SH7721 Datasheet HTML 1124Page - Renesas Technology Corp SH7721 Datasheet HTML 1125Page - Renesas Technology Corp SH7721 Datasheet HTML 1126Page - Renesas Technology Corp SH7721 Datasheet HTML 1127Page - Renesas Technology Corp SH7721 Datasheet HTML 1128Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1124 / 1524 page
background image
Section 31
MultiMediaCard Interface (MMCIF)
Rev. 3.00 Jan. 18, 2008 Page 1062 of 1458
REJ09B0033-0300
(4)
Operation of Commands without Data Transfer
The broadcast, relative address, and flash memory operation commands include a number of
commands that do not include data transfer. Such commands execute the desired data transfer
using command arguments and command responses. For a command that is related to time-
consuming processing such as flash memory write/erase, the MMC indicates the data busy state
via the MMC_DAT.
Figures 31.4 and 31.5 show examples of the command sequence for commands without data
transfer.
Figure 31.6 shows the operational flow for commands without data transfer.
• Settings needed to issue a command are made.
• The START bit in CMDSTRT is set to start command transmission.
• Command transmission complete can be confirmed by the command output end interrupt
(CMDI).
• A command response is received from the MMC.
• If the MMC does not return the command response, the command response is detected by the
command timeout error (CTERI).
• The end of a command sequence is detected by poling the BUSY flag in CSTR or by the
command response end interrupt (CRPI).
• Whether the data busy state is entered or not is determined by the DTBUSY bit in CSTR. If the
data busy state is entered, the end of the data busy state is detected by the data busy end
interrupt (DBSYI).
• When the CRC error (CRCERI) or command timeout error (CTERI) occurs, write 1 to the
CMDOFF bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com