Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1120 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1120 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1116Page - Renesas Technology Corp SH7721 Datasheet HTML 1117Page - Renesas Technology Corp SH7721 Datasheet HTML 1118Page - Renesas Technology Corp SH7721 Datasheet HTML 1119Page - Renesas Technology Corp SH7721 Datasheet HTML 1120Page - Renesas Technology Corp SH7721 Datasheet HTML 1121Page - Renesas Technology Corp SH7721 Datasheet HTML 1122Page - Renesas Technology Corp SH7721 Datasheet HTML 1123Page - Renesas Technology Corp SH7721 Datasheet HTML 1124Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1120 / 1524 page
background image
Section 31
MultiMediaCard Interface (MMCIF)
Rev. 3.00 Jan. 18, 2008 Page 1058 of 1458
REJ09B0033-0300
31.4
Operation
The MultiMediaCard is an external storage media that can be easily disconnected. The MMCIF
controls data transfer with the MultiMediaCard, and operates in MMC mode.
Insert the MMC and turn on the power supply. Then operate the MMCIF by applying transfer
clocks after setting an appropriate transfer clock frequency. The MMC_VDDON signal and
MMC_ODMOD signal can be used for MMC power control and open drain mode control,
respectively.
The series of operations from command sending, command response reception, data
transmission/reception, and data response reception is called the command sequence. The
command sequence starts from sending a command by setting the START bit in CMDSTRT to 1,
and ends when all necessary data transmission/reception and response reception has been
completed. The MMC supports the data busy state in which only specific command is accepted to
program/erase the flash memory in the MMC during command sequence execution and after
command sequence execution has ended. The data busy state is indicated by a 0 output from the
MMC side to the DAT pin in MMC mode.
Note:
Do not connect or disconnect the MMC during command sequence or data busy.
31.4.1
Operations in MMC Mode
MMC mode is an operating mode in which the transfer clock is output from the MMC_CLK pin,
command transmission/response receive occurs via the MMC_CMD pin, and data is
transmitted/received via the MMC_DAT pin. In this mode the next command can be issued while
data is being transmitted/received. This feature is applied to the multiblock transfer and stream
transfer. In this case, the next command is the CMD12 command, which aborts the current
command sequence.
In MMC mode, a broadcast command that simultaneously issues a command to multiple MMCs is
supported. After the information for the MMC that is inserted by using the broadcast command is
acknowledged, a relative address is given to each MMC. One MMC is selected by the relative
address, other MMCs are deselected, and various commands are issued to the selected MMC.
Commands in MMC mode is basically classified into three types: broadcast, relative address, and
flash memory operation commands. The MMC is operated by issuing a command according to
card status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com