Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1117 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1117 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1113Page - Renesas Technology Corp SH7721 Datasheet HTML 1114Page - Renesas Technology Corp SH7721 Datasheet HTML 1115Page - Renesas Technology Corp SH7721 Datasheet HTML 1116Page - Renesas Technology Corp SH7721 Datasheet HTML 1117Page - Renesas Technology Corp SH7721 Datasheet HTML 1118Page - Renesas Technology Corp SH7721 Datasheet HTML 1119Page - Renesas Technology Corp SH7721 Datasheet HTML 1120Page - Renesas Technology Corp SH7721 Datasheet HTML 1121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1117 / 1524 page
background image
Section 31
MultiMediaCard Interface (MMCIF)
Rev. 3.00 Jan. 18, 2008 Page 1055 of 1458
REJ09B0033-0300
31.3.18
FIFO Pointer Clear Register (FIFOCLR)
The FIFO write/read pointer is cleared by writing any value to FIFOCLR.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
FIFOCLR
W
The FIFO pointer is cleared by writing any value to this
register.
31.3.19
DMA Control Register (DMACR)
DMACR sets DMA request signal output. DMAEN enables/disables a DMA request signal. The
DMA request signal is output by a value that has been set to bits SET2 to SET0.
Set this register before executing a multiblock transfer command (CMD18 or CMD25). Auto
mode cannot be used for open-ended multiblock transfer.
Bit
Bit Name
Initial
Value
R/W
Description
7
DMAEN
0
R/W
0: Disables output of DMA request signal. (Initial value)
1: Enables output of DMA request signal.
6
AUTO
0
R/W
This bit is set when the pre-defined multiblock transfer
using DMA transfer is performed in auto mode.
0: Auto mode is not used.
1: Auto mode is used.
5 to 3
All 0
Reserved
These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com