Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1113 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1113 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1109Page - Renesas Technology Corp SH7721 Datasheet HTML 1110Page - Renesas Technology Corp SH7721 Datasheet HTML 1111Page - Renesas Technology Corp SH7721 Datasheet HTML 1112Page - Renesas Technology Corp SH7721 Datasheet HTML 1113Page - Renesas Technology Corp SH7721 Datasheet HTML 1114Page - Renesas Technology Corp SH7721 Datasheet HTML 1115Page - Renesas Technology Corp SH7721 Datasheet HTML 1116Page - Renesas Technology Corp SH7721 Datasheet HTML 1117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1113 / 1524 page
background image
Section 31
MultiMediaCard Interface (MMCIF)
Rev. 3.00 Jan. 18, 2008 Page 1051 of 1458
REJ09B0033-0300
• INTSTR1
Bit
Bit Name
Initial
Value
R/W
Description
7 to 4
All 0
Reserved
These bits are always read as 0. The write value should
always be 0.
3
WRERI
0
R/(W)*
Write Error Flag
[Setting condition]
When a status error for transmit data response (write
error) is detected while WREIE = 1.
[Clearing condition]
Write 0 after reading WREI = 1.
Note:
When the write error occurs, halt the command
sequence by setting the CMDOFF bit to 1.
2
CRCERI
0
R/(W)*
CRC Error Flag
[Setting condition]
When a CRC error for command response or receive
data, and CRC status error for transmission data
response are detected while CRCERIE = 1.
For any non-R2 command response, CRC is checked
when the RTY4 in RSPTYR is set for enabling.
For the R2 command response, CRC is not checked;
therefore, this flag is not set.
[Clearing condition]
Write 0 after reading CRCERI = 1.
Note:
When the CRC error occurs, halt the command
sequence by setting the CMDOFF bit to 1.
1
DTERI
0
R/(W)*
Data Timeout Error Flag
[Setting condition]
When a data timeout error specified in DTOUTR occurs
while DTERIE = 1.
[Clearing condition]
Write 0 after reading DTERI = 1.
Note:
When the data timeout error occurs, clear the
DTERI flag after halting the command sequence
by setting the CMDOFF bit to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com