Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1292 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1292 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1288Page - Renesas Technology Corp SH7721 Datasheet HTML 1289Page - Renesas Technology Corp SH7721 Datasheet HTML 1290Page - Renesas Technology Corp SH7721 Datasheet HTML 1291Page - Renesas Technology Corp SH7721 Datasheet HTML 1292Page - Renesas Technology Corp SH7721 Datasheet HTML 1293Page - Renesas Technology Corp SH7721 Datasheet HTML 1294Page - Renesas Technology Corp SH7721 Datasheet HTML 1295Page - Renesas Technology Corp SH7721 Datasheet HTML 1296Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1292 / 1524 page
background image
Section 36
User Debugging Interface (H-UDI)
Rev. 3.00
Jan. 18, 2008
Page 1230 of 1458
REJ09B0033-0300
Bit Pin Name
I/O
Bit
Pin Name
I/O
7
LCD_DATA10/PTD2
Control
3
LCD_DATA14/PINT14/PTD6
Control
6
LCD_DATA11/PTD3
Control
2
LCD_DATA15/PINT15/PTD7
Control
5
LCD_DATA12/PINT12/PTD4
Control
1
STATUS0/PTH2
Control
4
LCD_DATA13/PINT13/PTD5
Control
0
STATUS1/PTH3
Control
to TDO
Note:
*
Control means a low active signal.
The corresponding pin is driven with an OUT value when the Control is driven low.
36.3.5
ID Register (SDID)
SDID is a 32-bit read-only register in which SDIDH and SDIDL are connected. Each register is a
16-bit that can be read by CPU.
The IDCODE command is set from the H-UDI pin. This register can be read from the TDO when
the TAP state is Shift-DR. Writing is disabled.
Bit
Bit Name
Initial
Value
R/W
Description
31 to 0 DID31 to
DID0
Refer to
description
R
Device ID31 to ID0
Device ID register that is stipulated by JTAG.
• H'002F200F (initial value) for this SH7720 Group.
• H'002F2447 (initial value) for this SH7721 Group.
Upper four bits may be changed by the chip version.
SDIDH corresponds to bits 31 to 16.
SDIDL corresponds to bits 15 to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com