Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1293 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1293 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1289Page - Renesas Technology Corp SH7721 Datasheet HTML 1290Page - Renesas Technology Corp SH7721 Datasheet HTML 1291Page - Renesas Technology Corp SH7721 Datasheet HTML 1292Page - Renesas Technology Corp SH7721 Datasheet HTML 1293Page - Renesas Technology Corp SH7721 Datasheet HTML 1294Page - Renesas Technology Corp SH7721 Datasheet HTML 1295Page - Renesas Technology Corp SH7721 Datasheet HTML 1296Page - Renesas Technology Corp SH7721 Datasheet HTML 1297Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1293 / 1524 page
background image
Section 36
User Debugging Interface (H-UDI)
Rev. 3.00
Jan. 18, 2008
Page 1231 of 1458
REJ09B0033-0300
36.4
Operation
36.4.1
TAP Controller
Figure 36.2 shows the internal states of the TAP controller. State transitions support the JTAG
standard.
Test -logic-reset
Capture-DR
Shift-DR
Exit1-DR
Pause-DR
Exit2-DR
Update-DR
Select-DR-scan
Run-test/idle
1
0
0
0
0
11
1
1
0
0
0
1
11
0
1
1
1
0
Capture-IR
Shift-IR
Exit1-IR
Pause-IR
Exit2-IR
Update-IR
Select-IR-scan
0
0
1
0
0
0
1
0
1
1
10
Figure 36.2
TAP Controller State Transitions
Note:
The transition condition is the TMS value at the rising edge of TCK. The TDI value is
sampled at the rising edge of TCK; shifting occurs at the falling edge of TCK. For details
on change timing of the TDO value, see section 36.4.3, TDO Output Timing. The TDO is
at high impedance, except with shift-DR and shift-IR states. During the change to
TRST =
0, there is a transition to test-logic-reset asynchronously with TCK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com