Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1294 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1294 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1290Page - Renesas Technology Corp SH7721 Datasheet HTML 1291Page - Renesas Technology Corp SH7721 Datasheet HTML 1292Page - Renesas Technology Corp SH7721 Datasheet HTML 1293Page - Renesas Technology Corp SH7721 Datasheet HTML 1294Page - Renesas Technology Corp SH7721 Datasheet HTML 1295Page - Renesas Technology Corp SH7721 Datasheet HTML 1296Page - Renesas Technology Corp SH7721 Datasheet HTML 1297Page - Renesas Technology Corp SH7721 Datasheet HTML 1298Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1294 / 1524 page
background image
Section 36
User Debugging Interface (H-UDI)
Rev. 3.00
Jan. 18, 2008
Page 1232 of 1458
REJ09B0033-0300
36.4.2
Reset Configuration
Table 36.4
Reset Configuration
ASEMD0*1
RESETP
TRST*4
Chip State
L
Normal reset and H-UDI reset
L
H
Normal reset
L
H-UDI reset only
H
H
H
Normal operation
L
Reset hold*
2
L
H
Normal reset*
3
L
H-UDI reset only
L
H
H
Normal operation
Notes: 1. Performs normal mode and ASE mode settings
ASEMD0 = H, normal mode
ASEMD0 = L, ASE mode
2. In ASE mode, reset hold is enabled by driving the
RESETP and TRST pins low for a
constant cycle. In this state, the CPU does not start up, even if
RESETP is driven high.
When
TRST is driven high, H-UDI operation is enabled, but the CPU does not start up.
The reset hold state is canceled by the following:
•
Another
RESETP assert (power-on reset)
•
TRST reassert
3. In ASE mode, reset may not be enabled. When the emulator is not being connected, set
ASEMD0 to high.
4. When using this LSI in normal mode, it is recommended that the
TRST pin is fixed low.
36.4.3
TDO Output Timing
The timing of data output from the TDO is switched by the command type set in the SDIR. The
timing changes at the TCK falling edge when JTAG commands (EXTEST, CLAMP, HIGHZ,
SAMPLE/PRELOAD, IDCODE, and BYPASS) are set. This is a timing of the JTAG standard.
When the H-UDI commands (H-UDI reset negate, H-UDI reset assert, and H-UDI interrupt) are
set, TDO is output at the TCK rising edge earlier than the JTAG standard by a half cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com