Electronic Components Datasheet Search
  English  ▼

X  

SH7721 Datasheet(PDF) 1297 Page - Renesas Technology Corp

Part # SH7721
Description  Renesas 32-Bit RISC Microcomputer SuperHTM RISC engine Family / SH7700 Series
PDF  1524 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7721 Datasheet(HTML) 1297 Page - Renesas Technology Corp

Back Button SH7721 Datasheet HTML 1293Page - Renesas Technology Corp SH7721 Datasheet HTML 1294Page - Renesas Technology Corp SH7721 Datasheet HTML 1295Page - Renesas Technology Corp SH7721 Datasheet HTML 1296Page - Renesas Technology Corp SH7721 Datasheet HTML 1297Page - Renesas Technology Corp SH7721 Datasheet HTML 1298Page - Renesas Technology Corp SH7721 Datasheet HTML 1299Page - Renesas Technology Corp SH7721 Datasheet HTML 1300Page - Renesas Technology Corp SH7721 Datasheet HTML 1301Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1297 / 1524 page
background image
Section 36
User Debugging Interface (H-UDI)
Rev. 3.00
Jan. 18, 2008
Page 1235 of 1458
REJ09B0033-0300
(3) EXTEST
This instruction is provided to test external circuitry when this LSI is mounted on a printed circuit
board. When this instruction is executed, output pins are used to output test data (previously set by
the SAMPLE/PRELOAD instruction) from the boundary scan register to the printed circuit board,
and input pins are used to latch test results into the boundary scan register from the printed circuit
board. If testing is carried out by using the EXTEST instruction N times, the Nth test data is
scanned-in when test data (N-1) is scanned out.
Data loaded into the output pin boundary scan register in the Capture-DR state is not used for
external circuit testing (it is replaced by a shift operation).
The upper four bits of the instruction code are B'0000.
(4) IDCODE
A command can be set in SDIR by the H-UDI pins to place the H-UDI pins in the IDCODE mode
stipulated by JTAG. When the H-UDI is initialized (
TRST is asserted or TAP is in the Test-Logic-
Reset state), the IDCODE mode is entered.
(5) CLAMP, HIGHZ
A command can be set in SDIR by the H-UDI pins to place the H-UDI pins in the CLAMP or
HIGHZ mode stipulated by JTAG.
36.5.2
Points for Attention
1. Boundary scan mode does not cover the following signals:
 Clock-related signals (EXTAL, XTAL, EXTAL_USB, XTAL_USB, EXTAL_RTC,
XTAL_RTC, CKIO)
 System- and E10A-related signals (RESETP, RESETM, CA, ASEMD0)
 H-UDI-related signals (TCK, TDI, TDO, TMS, TRST)
 IIC-related signals (IIC_SCL/PTE6, IIC_SDA/PTE5)
 Analog-related signals (AN0/PTF1, AN1/PTF2, AN2/PTF3, AN3/PTF4, DA0/PTF5,
DA1/PTF6, USB1_P, USB1_M, USB2_P, USB2_M)
2. When the EXTEST, CLAMP, and HIGHZ commands are set, fix the
RESETP pin low.
3. Fix the CA pin high, during boundary scan.
4. When a boundary scan test for other than BYPASS and IDCODE is carried out, fix the
ASEMD0 pin high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com